Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD105 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSD105
Description  Three Phase Rectifier Bridges
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD105 Datasheet(HTML) 1 Page - Powersem GmbH

  PSD105 Datasheet HTML 1Page - Powersem GmbH PSD105 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Three Phase
PSD 105
IdAVM
= 160 A
Rectifier Bridges
VRRM
= 800-1800 V
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
800
800
PSD 105/08
1200
1200
PSD 105/12
1400
1400
PSD 105/14
1600
1600
PSD 105/16
1800
1800
PSD 105/18
Symbol Test Conditions
Maximum Ratings
IdAVM
TC = 85°C, module
160
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1500
A
VR = 0
t = 8.3 ms (60 Hz), sine
1650
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1350
A
VR = 0
t = 8.3 ms (60 Hz), sine
1500
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
11250
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
11300
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
9120
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
9350
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 150
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M5)
5
Nm
Terminal connection torque
(M5)
5
Nm
Weight
typ.
240
g
Symbol Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
0.3
mA
VR = VRRM
TVJ = TVJM
8.0
mA
VF
IF = 150 A
TVJ = 25°C
1.6
V
VTO
For power-loss calculations only
0.8
V
rT
TVJ = TVJM
5
m
RthJC
per diode; DC current
0.83
K/W
per module
0.138
K/W
RthJK
per diode; DC current
1.13
K/W
per module
0.188
K/W
dS
Creeping distance on surface
14
mm
dA
Creeping distance in air
14
mm
a
Max. allowable acceleration
50
m/s
2
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Blocking voltage up to 1800 V
Low forward voltage drop
UL registered, E 148688
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
Package, style and outline
Dimensions in mm (1mm = 0.0394“)
~
~
~


Similar Part No. - PSD105

ManufacturerPart #DatasheetDescription
logo
G.M. International
PSD1000 GMI-PSD1000 Datasheet
230Kb / 2P
   Universal AC Input Switching Power Supply 24 Vdc Output DIN-Rail Models PSD1000, PSD1000F
PSD1000B GMI-PSD1000B Datasheet
230Kb / 2P
   Universal AC Input Switching Power Supply 24 Vdc Output DIN-Rail Models PSD1000, PSD1000F
PSD1000FB GMI-PSD1000FB Datasheet
230Kb / 2P
   Universal AC Input Switching Power Supply 24 Vdc Output DIN-Rail Models PSD1000, PSD1000F
PSD1001 GMI-PSD1001 Datasheet
250Kb / 2P
   SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment
PSD1001B GMI-PSD1001B Datasheet
250Kb / 2P
   SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment
More results

Similar Description - PSD105

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD35 POWERSEM-PSD35 Datasheet
153Kb / 2P
   Three Phase Rectifier Bridges
PSD31 POWERSEM-PSD31 Datasheet
104Kb / 1P
   Three Phase Rectifier Bridges
PSD36 POWERSEM-PSD36 Datasheet
109Kb / 2P
   Three Phase Rectifier Bridges
logo
IXYS Corporation
VUO82 IXYS-VUO82 Datasheet
29Kb / 1P
   Three Phase Rectifier Bridges
logo
Powersem GmbH
PSD62 POWERSEM-PSD62 Datasheet
178Kb / 2P
   Three Phase Rectifier Bridges
PSD75 POWERSEM-PSD75 Datasheet
170Kb / 2P
   Three Phase Rectifier Bridges
PSD192 POWERSEM-PSD192 Datasheet
203Kb / 2P
   Three Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSD25-16 ISC-PSD25-16 Datasheet
339Kb / 3P
   Three Phase Rectifier Bridges
logo
Powersem GmbH
PSD41 POWERSEM-PSD41 Datasheet
160Kb / 2P
   Three Phase Rectifier Bridges
PSD50 POWERSEM-PSD50 Datasheet
122Kb / 1P
   Three Phase Rectifier Bridges
PSD61 POWERSEM-PSD61 Datasheet
162Kb / 2P
   Three Phase Rectifier Bridges
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com