Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG5S-0501 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG5S-0501
Description  IDC Sockets for Discrete Wires
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5S-0501 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG5S-0501 Datasheet HTML 1Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 2Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 3Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 4Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 5Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 6Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 7Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 8Page - Omron Electronics LLC XG5S-0501 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IDC Sockets for Discrete Wires
XG5
63
IDC Sockets for Discrete Wires
XG5
Trouble-free discrete-wire termination with IDC
Sockets that mate with XG4 and XG8 Plugs.
• Two-row, IDC construction and insulation barrel offers high
reliability and large-current (3 A) discrete wiring capability.
• Adaptable to a variety of covers for space-saving and
discrete wire termination.
• By using the simple, unique top lock-lever system, these
Connectors can be locked to either the XG8W Unshrouded
Plugs (with right-angle terminals) or XG4C Box-type Plugs.
• Conforms to UL standards (file no. E 103202) and CSA
standards (file no. LR 62678).
■ Construction
Cover (Semi-cover or Hood
Cover) Semi-cover shown here.
Socket (with polarizing guide)
Polarizing guide
IDC contacts
Lance
Wire can be connected without
stripping cable insulation.
Two-slot connection
Insulation barrel
Solderless Contact
■ Ratings and
Characteristics
Note: For standard 0.15-mm gold plating.
Rated current
3 A
Rated voltage
300 VAC
Contact resistance
20 m
Ω max. (at 20 mV,
100 mA max.)
Insulation
resistance
1,000 M
Ω min.
(at 500 VDC)
Dielectric strength
650 VAC for 1 min (leakage
current: 1 mA max.)
Connector insertion 1.96 N max. per contact
Contact removal
0.29 N min. (with test
gauge, 0.64 x 0.64 mm)
Insertion durability
(See note.)
50 times
Ambient
temperature
Operating:
−55 to 85°C
(with no icing)
■ Current and Temperature Characteristics
Use the temperature data shown below as a reference for selecting current values and wires.
UL1061 AWG24 (XG5M-2032-N)
UL1007 AWG26 (XG5M-2035-N)
20 wires
20
wires
Temp. rise limit
10 wires
10 wires
2
wires
2 wires
Current flow (A)
Current flow (A)
UL1061 AWG24
UL1007 AWG26
Flow rate = (no. of contacts used)
× 100%
(total no. of contacts)
Temp. rise limit


Similar Part No. - XG5S-0501

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5S-0501 OMRON-XG5S-0501 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG5S-0501

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG5N-U OMRON-XG5N-U Datasheet
637Kb / 5P
   Crimped MIL Connector Sockets for Discrete Wires
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com