Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG8S-0831 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XG8S-0831
Description  Header Plugs / Jumpers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8S-0831 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XG8S-0831 Datasheet HTML 1Page - Omron Electronics LLC XG8S-0831 Datasheet HTML 2Page - Omron Electronics LLC XG8S-0831 Datasheet HTML 3Page - Omron Electronics LLC XG8S-0831 Datasheet HTML 4Page - Omron Electronics LLC XG8S-0831 Datasheet HTML 5Page - Omron Electronics LLC XG8S-0831 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
84
Header Plugs / Jumpers
XJ8/XG8S/XG8T
XJ8A Jumper Socket
Dimensions
■ XJ8A
Ordering Information
Precautions
■ Correct Use
Dividing the XJ8 / XG8S / XG8T
The above mentioned models may have the number of terminals and
rows reduced prior to pcb assembly, using the following method:
• Plugs can be easily cut along the V-groove. Using a Cutter, make a
cut on the slot as indicated by the dotted line in the diagram. Then
fold the Plug manually in the direction of the arrows.
Automated Soldering Conditions (Jet Flow)
1. Soldering temperature: 250 ±5
°C
2. Continuous soldering time: Within 5 s
Mounting Example
• Jumper Socket should be inserted so that the arrow points down.
XJ8A-0211 (gold plating/black)
XJ8A-0241 (tin plating/black)
XJ8A-0214 (gold plating/natural)
Appearance
No. of contacts
Plating
Housing color
Model
2
Gold plating
Black
XJ8A-0211
Tin plating
Black
XJ8A-0241
Gold plating
Natural
XJ8A-0214
(1) Using a cutter,
make a cut along
the dotted line.
(2) Manually fold in
the direction of the
arrows.
V-groove
XJ8A
Circuit board
XG8S
XJ8B
Circuit board
XJ8A
XG8T
XJ8C
Circuit board
XJ8A
XJ8D


Similar Part No. - XG8S-0831

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG8 OMRON-XG8 Datasheet
923Kb / 8P
   Standard Unshrouded Header Plug
logo
List of Unclassifed Man...
Xg8 ETC2-Xg8 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG8A OMRON-XG8A Datasheet
923Kb / 8P
   Standard Unshrouded Header Plug
XG8B OMRON-XG8B Datasheet
923Kb / 8P
   Standard Unshrouded Header Plug
XG8B OMRON-XG8B Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG8S-0831

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
   zero ohm jumpers
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
   Mount components, jumpers
logo
KOA Speer Electronics, ...
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
   zero ohm jumpers
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
   FLEXSTRIP 짰 Jumpers
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com