Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C070 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-C070
Description  MicroSynth??INTEGRATED SYNTHESIZER MODULE, 5.5 - 10.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C070 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-C070 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C070 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C070 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C070 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C070 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C070 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3 - 7
3
Outline Drawing
HMC-C070
v03.0110
MicroSynthINTEGRATED
SYNTHESIZER MODULE, 5.5 - 10.5 GHz
NOTES:
1.0 PACKAGE, LEADS, COVER MATERIAL: KOVAR™
2.0 FINISH: GOLD PLATE OVER NICKEL PLATE.
4.0 ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
5.0 TOLERANCES: UNLESS OTHERWISE SPECIFIED
5.1 .XX = ±0.02 [0.51]
.XXX = ±0.010 [0.25]
6.0 MARK LOT NUMBER ON 0.080 X 0.250 LABEL WHERE
SHOWN WITH 0.030” MIN TEXT HEIGHT.
7.0 MOUNTING SPACER PART NUMBER 123279.
Package Information
Package Type
C-20
Package Weight [1]
16.53g
Spacer Weight
4.6g
[1] Does not include connectors, or
mounting hardware


Similar Part No. - HMC-C070

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C073 HITTITE-HMC-C073 Datasheet
165Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 38.4 - 43.2 GHz
More results

Similar Description - HMC-C070

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C083 HITTITE-HMC-C083 Datasheet
957Kb / 6P
   MicroSynth INTEGRATED SYNTHESIZER MODULE, 2 - 6 GHz
logo
Qorvo, Inc
QPM1002 QORVO-QPM1002 Datasheet
1Mb / 23P
   8.5 ??10.5 GHz GaN T/R Module
QPM2637 QORVO-QPM2637 Datasheet
1Mb / 18P
   9 ??10.5 GHz GaN T/R Module
logo
Transcom, Inc.
TA085-105-31-17 TRANSCOM-TA085-105-31-17 Datasheet
17Kb / 1P
   8.5 - 10.5 GHz 17dBm Amplifier
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD_09 Datasheet
381Kb / 5P
   4.5-10.5 GHz GaAs MMIC
XR1011-QH MIMIX-XR1011-QH_09 Datasheet
843Kb / 7P
   4.5-10.5 GHz GaAs Receiver
logo
TriQuint Semiconductor
TGF4250-SCC TRIQUINT-TGF4250-SCC Datasheet
325Kb / 9P
   DC - 10.5 GHz Discrete HFET
logo
Mimix Broadband
XU1012-QH MIMIX-XU1012-QH Datasheet
875Kb / 7P
   5.6-10.5 GHz Up-Converter
logo
M/A-COM Technology Solu...
XR1011-BD MA-COM-XR1011-BD Datasheet
370Kb / 5P
   4.5-10.5 GHz GaAs MMIC Receiver
logo
TriQuint Semiconductor
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
   8 - 10.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com