Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UTCAN6651 Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. UTCAN6651
Description  MOTOR SPEED CONTROL CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 1 page
background image
UTCAN6651
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R109-003,A
MOTOR SPEED CONTROL
CIRCUIT
DESCRIPTION
The UTC AN6651 is a monolithic integrated circuit
designed for the rotating control of a compact DC motor
which is used for a tape recorder, recorder player etc.
FEATURES
*Wide operating supply voltage: Vcc=3.5V ~ 14.4V
*Small four-lead plastic packer for compact motor.
*Few external components
*Stable low reference voltage (1.0V, typical)
*Wide motor speed setting
*Reverse voltage protection circuit built-in
TO-126B
1
1: Vcc 2: CONTROL 3: GND 4: MOTOR
BLOCK DIAGRAM




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
UTCAN6650MOTOR SPEED CONTROL CIRCUIT 1 2 3 Unisonic Technologies
UTC6650MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 Linear Integrated Systems
UTC6651MOTOR SPEED CONTROL CIRCUIT 1 2 List of Unclassifed Manufacturers
UA7392DC MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 5 MoreFairchild Semiconductor
UA7391DC MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 5 MoreFairchild Semiconductor
M51971LMOTOR SPEED CONTROL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LB1877MBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
LB1877VBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
NTE7089Integrated Circuit Motor Control Circuit 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl