Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UTCAN6650 Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. UTCAN6650
Description  MOTOR SPEED CONTROL CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 1 page
background image
UTCAN6650
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R109-002,A
MOTOR SPEED CONTROL
CIRCUIT
DESCRIPTION
The UTC AN6650 is a monolithic integrated circuit,
designed for the tape recorder.
FEATURES
*Wide operating supply voltage: Vcc=1.8V-7V
*Few external components
*Easy speed control mode
DIP-8
BLOCK DIAGRAM
Reference
Voltage
Start Circuit
2
1
4
3
6
5
8
7
VREF-
VREF+
VCC
GND
GND
Phase
Motor
Comp.
Input
10k
10k
1k
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
V
CC
7.5
V
Terminal Voltage
Vn(n=1,2,3,4)
-0.5 to 7.5
V
Terminal 8 Voltage
V
8
-0.5 to 1
V
Supply Current
I
CC*
1000
mA
Terminal 7 Current
I7
1000
mA
Power Dissapation
PD
750
mW
Operating Temperature
T
OPR
-20 to 70
°C
Storage Temperature
T
STQ
-40 to 150
°C
*Test Time<5
µs




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
UTCAN6651MOTOR SPEED CONTROL CIRCUIT 1 2 3 Unisonic Technologies
UTC6650MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 Linear Integrated Systems
UTC6651MOTOR SPEED CONTROL CIRCUIT 1 2 List of Unclassifed Manufacturers
UA7392DC MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 5 MoreFairchild Semiconductor
UA7391DC MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 5 MoreFairchild Semiconductor
M51971LMOTOR SPEED CONTROL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LB1877MBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
LB1877VBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
NTE7089Integrated Circuit Motor Control Circuit 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl