Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC913LC4B Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC913LC4B
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC913LC4B Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC913LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC913LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC913LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC913LC4B Datasheet HTML 4Page - Hittite Microwave Corporation HMC913LC4B Datasheet HTML 5Page - Hittite Microwave Corporation HMC913LC4B Datasheet HTML 6Page - Hittite Microwave Corporation HMC913LC4B Datasheet HTML 7Page - Hittite Microwave Corporation HMC913LC4B Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 174
Pin Number
Function
Description
Interface Schematic
1 - 3, 6, 7, 10 - 13,
16, 18 - 20, 24
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
4, 5
RFINP, RFINN
RF Input pins Connect RF to RFINP and AC
couple RFINN to ground via 50 Ohm for single
ended operation
8, 9
GND
These pins and the exposed package bottom must be
connected to a high quality RF/DC ground.
Pin Descriptions
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES GOLD
OVER 50 MICROINCHES MINIMUM NICKEL.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
HMC913LC4B
v00.1109
SUCCESSIVE DETECTION LOG VIDEO
AMPLIFIER (SDLVA), 0.6 - 20 GHz


Similar Part No. - HMC913LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC913LC4B HITTITE-HMC913LC4B Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
logo
Analog Devices
HMC913LC4B AD-HMC913LC4B Datasheet
645Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC913LC4B HITTITE-HMC913LC4B_10 Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
More results

Similar Description - HMC913LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC913 HITTITE-HMC913_10 Datasheet
873Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B_10 Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC-C052 HITTITE-HMC-C052 Datasheet
301Kb / 6P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
HMC613LC4B HITTITE-HMC613LC4B Datasheet
790Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.1 - 20 GHz
logo
Analog Devices
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC813 AD-HMC813 Datasheet
687Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC913LC4B AD-HMC913LC4B Datasheet
645Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC1013LP4E HITTITE-HMC1013LP4E Datasheet
878Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
logo
Analog Devices
HMC913 AD-HMC913 Datasheet
616Kb / 9P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFER (SDLVA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com