Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7L-2A-P-CB Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G7L-2A-P-CB
Description  General Purpose Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-P-CB Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G7L-2A-P-CB Datasheet HTML 6Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 7Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 9Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 10Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 11Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 12Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 13Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
314
General Purpose Relay
G7L
Unit: mm (inch)
Cover
P7LF-C
Note: P7LF-C cover attaches directly to G7L-B style relays. To protect against electric shock, use the P7LF-C on G7L-B terminals.
Mounting track
Note: 1. It is recommended that a panel thickness of 1.60 to 2.00 mm (0.06 to 0.08 in) be used.
2. L = Length
PFP-100N
L = 1 m (39.00 in)
PFP-50N
L = 50 cm (19.60 in)
PFP-100N2 L = 1 m (39.00 in)
End plate
PFP-M
Spacer
PFP-S
4.5
15
25
25
25
25 *
10
10
1000 (500)*
7.3
±0.15
35
±0.3
27
±0.15
15
(5)
1
4.5
15
25
25
25
25 15
10
10
1000
±4
35
±0.3 27
24
16
29.2
1
1.5
* The figure in parenthesis is for PFP-50N.
PFP-100N, PFP-50N
(Conforming to EN 50022)
PFP-100N2
(Conforming to EN 50022)


Similar Part No. - G7L-2A-P-CB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7L-2A-P-CB OMRON-G7L-2A-P-CB Datasheet
3Mb / 18P
   General Purpose Relay
More results

Similar Description - G7L-2A-P-CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com