Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7J-2A2B-P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G7J-2A2B-P
Description  General Purpose Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7J-2A2B-P Datasheet(HTML) 2 Page - Omron Electronics LLC

  G7J-2A2B-P Datasheet HTML 1Page - Omron Electronics LLC G7J-2A2B-P Datasheet HTML 2Page - Omron Electronics LLC G7J-2A2B-P Datasheet HTML 3Page - Omron Electronics LLC G7J-2A2B-P Datasheet HTML 4Page - Omron Electronics LLC G7J-2A2B-P Datasheet HTML 5Page - Omron Electronics LLC G7J-2A2B-P Datasheet HTML 6Page - Omron Electronics LLC G7J-2A2B-P Datasheet HTML 7Page - Omron Electronics LLC G7J-2A2B-P Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
300
General Purpose Relay
G7J
Specifications
■ Contact Data
Note: 1. The values in parentheses indicate values for a bifurcated contact.
2. P level:
λ
60 =0.1 x 10
-6/operations
■ Coil Data
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/-20% for AC rated current and
±15% for DC coil resistance. The values given for AC rated current apply at 50 Hz or 60 Hz.
2. Performance characteristic data are measured at a coil temperature of 23
°C.
■ Characteristics
Note: 1. Data shown are of initial value.
2. Measured with 1A @ 5 VDC using the voltage drop method.
3. Measured with rated voltage imposed, ignoring any contact bounce, at ambient temperature = 23
°C.
4. Measured with a 500-VDC megger applied to the same places as those used for checking the dielectric strength.
Load
Resistive load (p.f. = 1)
NO
NC
Rated load
25 A @ 220 VAC (1 A @ 220 VAC) / 25 A @ 30 VDC
8 A @ 220 VAC (1 A @ 220 VAC)/ 8 A @ 30 VDC
Rated carry current
25 A (1 A)
8 A (1 A)
Max. switching voltage
250 VAC,125 VDC
Max. switching current
25 A (1 A)
8 A (1A)
Max. switching capacity
5,500 VA, 750 W DC
1,760 VA, 240 W DC
Min. permissible load
100 mA @ 24 VDC (10 mA @ 24 VDC) at 60 operations/minute, 23
°C ambient temperature (See note 2)
Rated voltage
(VAC)
Rated
current (mA)
Coil
resistance (
Ω)
Must operate
Must release
Max. voltage
Power
consumption
% of rated voltage
AC
24
75
75% max.
15% min.
110% @ 23
°C
Approx.1.8
to 2.6 VA
50
36
100/120
18 to 21.60
200/240
9 to 10.80
DC
12
167
72
10% min.
Approx. 2.0 W
24
83
288
48
42
1150
100
20
5000
Contact resistance (See note 2)
50 m
Ω max.
Operating time (See note 3)
50 ms max.
Release time (See note 3)
50 ms max.
Operating frequency
Mechanical
1,800 operations/hour max.
Electrical
1,800 operations/hour max.
Insulation resistance (See note 4)
1,000 M
Ω minimum at 500 VDC
Dielectric strength
4,000 VAC, 50/60 Hz for 1 minute between coil and contacts
4,000 VAC, 50/60 Hz for 1 minute between contacts of different polarity
2,000 VAC, 50/60 Hz for 1 minute between contacts of the same polarity
Impulse withstand voltage
10,000 V between coil and contact with 1.2 x 50
μs impulse wave
Vibration
Mechanical durability
10 to 55 Hz, 1.50 mm double amplitude
Malfunction durability NO: 10 to 55 Hz, 1.50 mm double amplitude
NC: 10 to 26 Hz, 1.50 mm double amplitude
Shock
Mechanical durability
1000 m/s2 (Approx. 100 G)
Malfunction durability NO: 100 m/s2 (Approx. 10 G)
NC: 20 m/s2 (Approx. 2 G)
Service life
Mechanical
1 million operations minimum at 1,800 operations/hour
Electrical
100,000 operations minimum at 1,800 operations/hour at rated load (@ 23
°C
Ambient temperature
Operating
-25
° to 60°C with no icing or condensation
Humidity
Operating
5% to 85% RH
Weight
PCB terminal
Approx. 140 g
Screw terminal
Approx. 165 g


Similar Part No. - G7J-2A2B-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
More results

Similar Description - G7J-2A2B-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com