Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8P-1AP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8P-1AP
Description  Power PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1AP Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8P-1AP Datasheet HTML 1Page - Omron Electronics LLC G8P-1AP Datasheet HTML 2Page - Omron Electronics LLC G8P-1AP Datasheet HTML 3Page - Omron Electronics LLC G8P-1AP Datasheet HTML 4Page - Omron Electronics LLC G8P-1AP Datasheet HTML 5Page - Omron Electronics LLC G8P-1AP Datasheet HTML 6Page - Omron Electronics LLC G8P-1AP Datasheet HTML 7Page - Omron Electronics LLC G8P-1AP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Power PCB Relay
G8PT
225
Power PCB Relay
G8PT
• Up to 30 A switching capacity in compact package.
• Available with quick-connect contact terminals for easy load
connecting with either QC or PCB coil terminals.
• UL Class F coil insulation standard
• Minimum 6 kV Impulse Surge Withstand.
• Ideal for home and industrial appliances, HVAC and many
other applications.
• UL recognized / CSA certified.
• VDE approved.
• RoHS Compliant
Ordering Information
To Order: Select the part number and add the desired coil voltage rating, (e.g., G8P-1A4P-DC12).
Note: Load terminals are .250” Quick Connect. Coil terminals on Flange Mount versions are .187” Quick Connect.
* Sealed and vented optional.
Specifications
■ Contact Data
* NO contact/NC contact
Mounting type
Contact form
Construction
Model
PCB
SPST-NO
Open frame
G8P-1AP
Sealed with ventable nib*
G8P-1A4P
SPDT
Open frame
G8P-1CP
Sealed with ventable nib*
G8P-1C4P
PCB & Quick Connect
load terminals
SPST-NO
Open frame
G8P-1ATP
Sealed with ventable nib*
G8P-1A4TP
SPDT
Open frame
G8P-1CTP
Sealed with ventable nib*
G8P-1C4TP
Flange mount Quick
Connect terminals
SPST-NO
Vented
G8P-1A2T-F
SPDT
Vented
G8P-1C2T-F
Type
SPST-NO
SPDT
Rated load
30 A 250 VAC, 20 A 28 VDC
20/10 A* at 250 VAC, 20/10 A at 28 VDC
Contact material
Ag-Alloy
Carry current
30 A max.
20/10 A*
Max. operating voltage
250 VAC, 28 VDC
Max. operating current
AC 30 A, DC 20 A
AC 20/10 A, DC 20/10 A*
Max. switching capacity
7,500 VA, 560 W
5,000/2,500 VA, 560/280 W*
Min. permissible load
500 mA@ 5 VDC (AgSnIn), 100 mA @ 5 VDC (optional alloy)


Similar Part No. - G8P-1AP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P-1AP OMRON-G8P-1AP Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
G8P-1AP OMRON-G8P-1AP Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
G8P-1AP OMRON-G8P-1AP Datasheet
933Kb / 6P
   PCB Relay
More results

Similar Description - G8P-1AP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com