Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7L-2A-T-CB Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G7L-2A-T-CB
Description  General Purpose Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-T-CB Datasheet(HTML) 2 Page - Omron Electronics LLC

  G7L-2A-T-CB Datasheet HTML 1Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 2Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 3Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 4Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 5Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 6Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 7Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-2A-T-CB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
306
General Purpose Relay
G7L
■ Model Number Legend
■ Accessories
Quick-connect Terminals
Note: A socket terminal cover is supplied with the P7LF-06 socket and does not attach directly to the G7L relays. It cannot be purchased separately.
Screw Terminals
Note: The P7LF-C terminal cover attaches directly to the G7L-B style relays. It is sold separately.
Specifications
■ Contact Data
Note: P level:
λ
60 = 0.1 x 10
-6 operation.
■ Coil Internal Circuit
G7L-
❏❏ - ❏ ❏❏❏
12
3 4 5 6
1. Contact form
3. Mounting construction
5. 80: VDE approved version
1A:SPST-NO
No symbol:E bracket type
(includes UL, CSA and TÜV)
2A:DPST-NO
UB:Upper bracket type
6. CB: Class B insulation
2. Terminal shape
4. Special functions
T:Quick-connect terminals
No symbol:Without test button
7. Rated coil voltage
P:PCB terminals
J:With test button
B:Screw terminals
Description
Model
Model
Contact form
SPST-NO
DPST-NO
E-brackets
G7L-1A-T
G7L-1A-TJ
G7L-2A-T
G7L-2A-TJ
R99-07G5D
Track mounting adaptor
P7LF-D
Front connecting socket
P7LF-06
Description
Model
Model
Contact form
SPST-NO
DPST-NO
E-brackets
G7L-1A-B
G7L-1A-BJ
G7L-2A-B
G7L-2A-BJ
R99-07G5D
Track mounting adaptor
P7LF-D
Terminal Cover
P7LF-C
Load
G7L-1A-T, G7L-1A-B
G7L-2A-T, G7L-2A-B
G7L-1A-P, G7L-2A-P
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4)
Rated load
30 A, 220 VAC
25 A, 220 VAC
20 A, 220 VAC
Contact material
AgSnIn
Carry current
30 A
25 A
20 A
Max. operating voltage
250 VAC
Max. operating current
30 A
25 A
20 A
Max. switching capacity 6,600 VA
5,500 VA
4,400 VA
Min. permissible load
100 mA, 5 VDC (please inquire for lower minimum rating)
DC operating coil
AC operating coil


Similar Part No. - G7L-2A-T-CB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7L-2A-T-CB OMRON-G7L-2A-T-CB Datasheet
3Mb / 18P
   General Purpose Relay
More results

Similar Description - G7L-2A-T-CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com