Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7Z Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G7Z
Description  Power Relays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G7Z Datasheet HTML 2Page - Omron Electronics LLC G7Z Datasheet HTML 3Page - Omron Electronics LLC G7Z Datasheet HTML 4Page - Omron Electronics LLC G7Z Datasheet HTML 5Page - Omron Electronics LLC G7Z Datasheet HTML 6Page - Omron Electronics LLC G7Z Datasheet HTML 7Page - Omron Electronics LLC G7Z Datasheet HTML 8Page - Omron Electronics LLC G7Z Datasheet HTML 9Page - Omron Electronics LLC G7Z Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Power Relays
G7Z
335
Precautions
Be sure to read the common precautions provided in Best Control Devices Catalog Version 17 before using the Relay.
!WARNING
Take measures to prevent contact with charged
parts when using the Relay for high voltages.
!CAUTION
Do not touch the terminal section (charged parts)
when power is being supplied.
Always use the Relay with terminal covers
mounted. Contact with charged parts may result in
electric shock.
Do not touch the Relay when power is being sup-
plied or right after the power has been turned OFF.
The hot surface may cause burn injury.
■ Precautions for Correct Use
Installation
• Mount the G7Z with the coil terminal at the top.
• Do not use the Relay with the terminal screw surfaces facing down.
• To mount the Relay, secure M4 screws in two locations. Use a
screw-tightening torque of 1.2 to 1.3 N•m.
• The Relay can be mounted directly on a mounting rail (PTP) or a
DIN Track (EN 50022-35 x 7.5, 15). The Relay cannot be mounted,
however, to some reinforced rails (e.g., those produced by Kameda
Denki or Toyogiken).
• Mount the Relay sideways when it is mounted on a rail.
Use End Plates (PFP-M) on both sides of the Relay to make sure
that it is properly secured.
• Provide at least 5 mm of space between the sides and top of the
Relay and nearby grounded metal surfaces.
• Provide at least 30 mm of space between Relays when two or more
Relays are mounted in a row.
• The auxiliary contact block (G73Z) can be mounted on the Relay.
Mounting and Removal
Mounting
Insert the tab on the auxiliary contact
block into the groove on the Relay and
press down until the hook on the auxil-
iary contact block catches in the
mounting hole on the Relay.
Removing
Slide
the
auxiliary
contact
block,
remove the auxiliary contact block tab
from the groove on the Relay, and
remove the auxiliary contact block
hook from the Relay.
Be careful not to apply excessive force
on the hook.
Up
Coil terminal
Terminal screw surface
Washer (external dia.: 7 max.)
39 mm
Up
DIN Track
(35 mm)
5 mm min.
5 mm min.
5 mm min.
Grounded metal surface
30 mm min.
Tab
(1)
(2)
Hook
(2)
(1)
Tab
Hook


Similar Part No. - G7Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7Z OMRON-G7Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B OMRON-G7Z-2A2B Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B-02Z OMRON-G7Z-2A2B-02Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B-11Z OMRON-G7Z-2A2B-11Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B-20Z OMRON-G7Z-2A2B-20Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
More results

Similar Description - G7Z

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
HM4100F ETC1-HM4100F Datasheet
86Kb / 2P
   Subminiature power relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
logo
List of Unclassifed Man...
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
   PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
   PCB Power Relays
logo
Panasonic Semiconductor
JC2AF-DC24V PANASONIC-JC2AF-DC24V Datasheet
168Kb / 5P
   COMPACT POWER RELAYS
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
G9KB OMRON-G9KB Datasheet
225Kb / 5P
   PCB Power Relays
0222
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com