Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC890LP5E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC890LP5E
Description  FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC890LP5E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC890LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC890LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC890LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC890LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC890LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC890LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC890LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC890LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3 - 20
3
HMC890LP5E
v00.1209
FILTER - TUNABLE, BAND PASS SMT
1 - 2 GHz
Pin Descriptions
Application Circuit
Pin Number
Function
Description
Interface Schematic
1 - 4, 7 - 11, 13
15 - 18, 21 - 32
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
5, 20
GND
These pins and exposed paddle
must be connected to RF/DC ground.
6RFIN
This pin is DC coupled and matched to 50 Ohms.
External voltage must not be applied to this pin.
12
Vfctl
Center frequency control voltage.
14
Vbwctl
Bandwidth control voltage.
19
RFOUT
This pin is DC coupled and matched to 50 Ohms.
External voltage must not be applied to this pin.


Similar Part No. - HMC890LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC890LP5E HITTITE-HMC890LP5E Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
More results

Similar Description - HMC890LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC893LP5E HITTITE-HMC893LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 4.8 - 9.5 GHz
HMC894LP5E HITTITE-HMC894LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
HMC891LP5E_1007 HITTITE-HMC891LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC896LP4E HITTITE-HMC896LP4E Datasheet
939Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 10 - 18 GHz
HMC895LP4E HITTITE-HMC895LP4E_12 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT
HMC899LP4E HITTITE-HMC899LP4E Datasheet
766Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 18.5 - 37.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com