Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6K-2F-RF-SDC12 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6K-2F-RF-SDC12
Description  High Frequency Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2F-RF-SDC12 Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6K-2F-RF-SDC12 Datasheet HTML 1Page - Omron Electronics LLC G6K-2F-RF-SDC12 Datasheet HTML 2Page - Omron Electronics LLC G6K-2F-RF-SDC12 Datasheet HTML 3Page - Omron Electronics LLC G6K-2F-RF-SDC12 Datasheet HTML 4Page - Omron Electronics LLC G6K-2F-RF-SDC12 Datasheet HTML 5Page - Omron Electronics LLC G6K-2F-RF-SDC12 Datasheet HTML 6Page - Omron Electronics LLC G6K-2F-RF-SDC12 Datasheet HTML 7Page - Omron Electronics LLC G6K-2F-RF-SDC12 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
324
High Frequency Relay
G6K-RF
Dimensions
Note: All dimensions are in millimeters unless otherwise indicated
S
+
+
+
R
8
765
1
234
8765
1234
12.8
10.3
0.6
5.4
0.5
1.35
3.2
5.4
7.6
6.9
7.8
0.3
1.8
7
11.5
1.95
(1.35)
0.8
2.5
2.5
0.5
7.6
5.4
3.2
Orientation mark
Orientation mark
G6K-2F-RF
G6KU-2F-RF
G6K-2F-RF
G6KU-2F-RF
Mounting Dimensions
(Top View)
Tolerance
±0.1 mm
Terminal Arrangement and
Internal Connections
(Top View)
Note: 1. Each value has a tolerance of
±0.3 mm
2. The coplanarity of the terminals is 0.15 mm max.
+
+
+
R
8
1
8765
1234
G6K-2F-RF-S
VDC
JAPAN
765
234
S
10.7
10.3
0.6
5.4
0.5
1.35
3.2
5.4
7.6
6.9
0.3
Orientation mark
Orientation mark
G6K-2F-RF-S
G6KU-2F-RF-S
0.85
1.5
1.55
0.85
7.8
8.6
1.8
7
7.5
(1.35)
0.8
1
1.8
2.1
7.6
8.8
5.4
3.2
1.2
1.6
G6K-2F-RF-S
G6KU-2F-RF-S
Mounting Dimensions
(Top View)
Tolerance
±0.1 mm
Terminal Arrangement and
Internal Connections
(Top View)
Note: 1. Each value has a tolerance of
±0.3 mm
2. The coplanarity of the terminals is 0.15 mm max.


Similar Part No. - G6K-2F-RF-SDC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-RF-S OMRON-G6K-2F-RF-S Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
G6K-2F-RF-S OMRON-G6K-2F-RF-S Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
More results

Similar Description - G6K-2F-RF-SDC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com