Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6WU-1P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6WU-1P
Description  High-frequency Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WU-1P Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6WU-1P Datasheet HTML 1Page - Omron Electronics LLC G6WU-1P Datasheet HTML 2Page - Omron Electronics LLC G6WU-1P Datasheet HTML 3Page - Omron Electronics LLC G6WU-1P Datasheet HTML 4Page - Omron Electronics LLC G6WU-1P Datasheet HTML 5Page - Omron Electronics LLC G6WU-1P Datasheet HTML 6Page - Omron Electronics LLC G6WU-1P Datasheet HTML 7Page - Omron Electronics LLC G6WU-1P Datasheet HTML 8Page - Omron Electronics LLC G6WU-1P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
High-frequency Relay
G6W
331
Note: 1. The tests were conducted at an ambient temperature of 23
°C.
2. High-frequency characteristics depend upon the PCB to which the relay is mounted. Always check these characteristics, including en-
durance (life expectancy) in the actual application before use.
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Frequency (MHz)
[Average (Initial value)]
0
20
40
60
80
100
120
0
1,000
2,000
3,000
4,000
5,000 6,000
N.O.
N.C.
Frequency (MHz)
[Average (Initial value)]
0
0.2
0.4
0.6
0.8
1.0
0
1,000
2,000
3,000
4,000
5,000 6,000
N.O.
N.C.
Frequency (MHz)
[Average (Initial value)]
0
10
20
30
40
50
60
70
0
1,000
2,000
3,000
4,000
5,000 6,000
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
N.O.
N.C.
V.S.W.R.
Return loss
Isolation
(See notes 1 and 2)
Insertion Loss
(See notes 1 and 2)
V.S.W.R. / Return Loss
(See notes 1 and 2)
Must set time
Must reset time
Sample:
G6WK-1P 4.5 VDC
Number of Relays: 20
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Time (ms)
Time (ms)
Must set bounce time
Must reset bounce time
Sample:
G6WK-1P 4.5 VDC
Number of Relays: 20
30
25
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
Must Set and Must Reset
Time Distribution (see note 1).
Must Set and Must Reset
Bounce Time Distribution (see note 1).
Mounting Pads
(Top View)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(Top View)
G6W-1F
G6WU-1F
+
17
18
10
8
20
15 14 13
11
12
3
5
6 7
+
+
R
S
17
18
10
8
20
15 14 13
11
12
3
5
6 7
G6WU-1F
20
9.4
0.2
0.2
5.08
11.6
9.2
Twelve, 0.6
15.24
22.2
Three,
0.4
2.7
1.1
Through-hole
5.9
2.8
5.08 9.4
3.2
1.1
8.6
20.4
2.54 2.54 2.54 2.54 5.08
Orientation mark
G6W-1F
Orientation mark
1.8
3
Note: 1. Tolerance: ±0.3 mm unless specified.
2. The coplanarity of the terminals is 0.1 mm max.


Similar Part No. - G6WU-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6WU-1P OMRON-G6WU-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6WU-1P-R OMRON-G6WU-1P-R Datasheet
250Kb / 8P
   High-frequency Relay
More results

Similar Description - G6WU-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com