Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6WU-1P Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6WU-1P
Description  High-frequency Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WU-1P Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G6WU-1P Datasheet HTML 2Page - Omron Electronics LLC G6WU-1P Datasheet HTML 3Page - Omron Electronics LLC G6WU-1P Datasheet HTML 4Page - Omron Electronics LLC G6WU-1P Datasheet HTML 5Page - Omron Electronics LLC G6WU-1P Datasheet HTML 6Page - Omron Electronics LLC G6WU-1P Datasheet HTML 7Page - Omron Electronics LLC G6WU-1P Datasheet HTML 8Page - Omron Electronics LLC G6WU-1P Datasheet HTML 9Page - Omron Electronics LLC G6WU-1P Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
High-frequency Relay
G6W
333
Recommended Soldering Method
■ Temperature Profile According to IRS Method
When performing reflow-soldering, check the profile on an actual device
after setting the temperature condition so that the temperatures at the
relay terminals and the upper surface of the case do not exceed the
limits specified in the following table.
The thickness of cream solder to be applied should be within a range
between 150 and 200
μm on OMRON's recommended PCB pattern.
Visually check that the Relay is properly soldered.
Bottom Ground Soldering Conditions
To solder the bottom ground, manually solder separately from the
terminals according to the following conditions.
• Soldering iron: 50 W
• Iron temperature: 380
°C to 400°C
• Soldering time: 10 s max.
Note: The above conditions are for a PCB with OMRON’s recommended
patterns and hole perforations. The conditions will depend on the
PCB being used. Therefore, it is recommended to double-check
the suitability under actual PCB conditions.
Soldering
Soldering temperature: Approx. 250
°C (At 260°C if the DWS method is
used.)
Soldering time: Approx. 5 s max. (approx. 2 s for the first time and
approx. 3 s for the second time if the DWS method is used.)
Be sure to adjust the level of the molten solder so that the solder will not
overflow onto the PCB.
Precautions
■ Correct Use
Handling
Use the Relay as soon as possible after opening the moisture-proof
package. If the Relay is left for a long time after opening the moisture-
proof package, the appearance may suffer and seal failure may occur
after the solder mounting process. To store the Relay after opening the
moisture-proof package, place it into the original package and sealed the
package with adhesive tape.
When washing the product after soldering the Relay to a PCB, use a
water-based solvent or alcohol-based solvent, and keep the solvent tem-
perature to less than 40
°C. Do not put the Relay in a cold cleaning bath
immediately after soldering.
Dropping the Relay may cause damage to its functional capability.
Never use the Relay if it is dropped.
Protect the Relays from direct sunlight during operation, storage, and
transportation and keep the relays under normal temperature, humidity,
and pressure.
Coating
Do not use silicone coating to coat the Relay when it is mounted to
the PCB. Do not wash the PCB after the Relay is mounted using
detergent containing silicone. Otherwise, the detergent may remain
on the surface of the Relay.
Claw Securing Force During Automatic Insertion
During automatic insertion of Relays, make sure to set the securing force
of the claws to the following values so that the Relay characteristics will
be maintained.
Latching Relay Mounting
Make sure that the vibration or shock that is generated from other
devices, such as relays in operation, on the same panel and imposed on
the Latching Relay does not exceed the rated value, otherwise the Latch-
ing Relay that has been set may be reset or vice versa. The Latching
Relay is reset before shipping. If excessive vibration or shock is imposed,
however, the Latching Relay may be set accidentally. Be sure to apply a
reset signal before use.
Item
Measuring
position
Preheating
(T1 to T2, t
1)
Soldering
(T3, t
2)
Peak value
(T4)
Terminal
150
°C to 180°C,
120 s max.
230
°C min.,
30 s max.
250
°C max.
Upper surface
of case
---
---
255
°C max.
T4
T3
T2
T1
Preheating
Soldering
Time (s)
t1
t2
Relay
Solder
Insufficient
amount of
solder
Excessive
amount of
solder
Terminal
PCB
Land
Correct Soldering
Incorrect Soldering
Secure the claws to the area indicated by shading.
Do not attach them to the center area or to only part of the
Relay.
A
C
B
Direction A: 4.90 N max.
Direction B: 9.80 N max.
Direction C: 9.80 N max.


Similar Part No. - G6WU-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6WU-1P OMRON-G6WU-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6WU-1P-R OMRON-G6WU-1P-R Datasheet
250Kb / 8P
   High-frequency Relay
More results

Similar Description - G6WU-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com