Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6RL-1A-ASI-PL Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6RL-1A-ASI-PL
Description  PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6RL-1A-ASI-PL Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6RL-1A-ASI-PL Datasheet HTML 1Page - Omron Electronics LLC G6RL-1A-ASI-PL Datasheet HTML 2Page - Omron Electronics LLC G6RL-1A-ASI-PL Datasheet HTML 3Page - Omron Electronics LLC G6RL-1A-ASI-PL Datasheet HTML 4Page - Omron Electronics LLC G6RL-1A-ASI-PL Datasheet HTML 5Page - Omron Electronics LLC G6RL-1A-ASI-PL Datasheet HTML 6Page - Omron Electronics LLC G6RL-1A-ASI-PL Datasheet HTML 7Page - Omron Electronics LLC G6RL-1A-ASI-PL Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PCB Relay
G6RL
183
Electrical Endurance Data
Endurance Under Real Load
G6RL-1(A)-ASI-PL
Note: The results shown reflect values measured using very severe test conditions, i.e., Duty: 1 s ON/OFF.
Electrical endurance will vary depending on the test conditions. Contact your OMRON representative if you require more detailed information
for the electrical endurance under your test conditions.
G6RL-1(A)
8 A at 250 VAC (cos
φ = 1) NO
50,000 operations min.
8 A at 250 VAC (cos
φ = 1) NC
50,000 operations min.
5 A at 24 VDC
50,000 operations min.
G6RL-1(A)-(SR)-ASI-(PL)
10 A at 250 VAC (cos
φ = 1) NO
100,000 operations min.
8 A at 250 VAC (cos
φ = 1)
100,000 operations min.
5 A at 30 VDC
50,000 operations min.
G6RL-1(A)4-ASI
8 A at 250 VAC (cos
φ = 1) NO
50,000 operations min.
8 A at 250 VAC (cos
φ = 1) NC
50,000 operations min.
5 A at 24 VDC
50,000 operations min.
G6RL-14-SR-ASI
8 A at 250 VAC (cos
φ = 1) NO
50,000 operations min.
3 A at 250 VAC (cos
φ = 1) NC
100,000 operations min.
5 A at 24 VDC NO
50,000 operations min.
5 A at 24 VDC NC
30,000 operations min.
(Reference Only)
Rated voltage
Condition
Frequency
Electrical life
230 VAC
P1 load (2
× 200 W lamps parallel to ignition transformer)
1.5 s ON/4.5 s OFF
250,000 operations


Similar Part No. - G6RL-1A-ASI-PL

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
G6R3 EDAL-G6R3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
logo
Everlight Electronics C...
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
logo
Omron Electronics LLC
G6RN OMRON-G6RN Datasheet
446Kb / 6P
   Power Relay
G6RN OMRON-G6RN Datasheet
393Kb / 6P
   Power Relay
G6RN-1 OMRON-G6RN-1 Datasheet
446Kb / 6P
   Power Relay
More results

Similar Description - G6RL-1A-ASI-PL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com