Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6RL-1A-ASI Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6RL-1A-ASI
Description  PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6RL-1A-ASI Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6RL-1A-ASI Datasheet HTML 1Page - Omron Electronics LLC G6RL-1A-ASI Datasheet HTML 2Page - Omron Electronics LLC G6RL-1A-ASI Datasheet HTML 3Page - Omron Electronics LLC G6RL-1A-ASI Datasheet HTML 4Page - Omron Electronics LLC G6RL-1A-ASI Datasheet HTML 5Page - Omron Electronics LLC G6RL-1A-ASI Datasheet HTML 6Page - Omron Electronics LLC G6RL-1A-ASI Datasheet HTML 7Page - Omron Electronics LLC G6RL-1A-ASI Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
180
PCB Relay
G6RL
Specifications
■ Coil Ratings
Note: 1. The above items are measured at a coil temperature of 23
°C.
2. The tolerance of the rated current is
±10%.
■ Contact Ratings
Note: 1. G6RL-1(A), G6RL-1(A)4-ASI: 8 A 250 VAC, resistive load; 5 A 24 VDC resistive load.
2. P level:
λ 60 = 0.1 × 10−6 / operations
■ Characteristics
Classification
Standard, P1 load
Shock resistance
Rated voltage
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
48 VDC
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
Rated current
73.3 mA
44 mA
36.7 mA
18.3 mA
9.2 mA
5 mA
101 mA
60.2 mA
50.1 mA
25.2 mA
12.6 mA
Coil resistance
40
Ω
113
Ω
163
Ω
654
Ω
2,618
Ω 9,600 Ω
30
Ω
83
Ω
120
Ω
476
Ω
1,912
Ω
Must operate voltage 70% max. of rated voltage
80% max. of rated voltage
Must release voltage
10% min. of rated voltage
10% min. of rated voltage
Max. voltage
150% of rated voltage
150% of rated voltage (23
°C)
Power consumption
Approx. 220 mW
Approx.
240 mW
Approx. 300 mW
Load
Resistive load (cos
φ = 1)
Rated load (See note 1.)
10 A at 250 VAC, NO resistive load
8 A at 250 VAC, resistive load
5 A at 30 VDC, resistive load
Rated carry current
10 A at 250 VAC
5 A at 30 VDC
Max. switching voltage
400 VAC, 300 VDC
Max. switching current
NO: 10 A, NC: 8 A
Max. switching power
NO: 2,500 VA, NC: 2,000 VA
150 W
Failure rate (reference value) 10 mA at 5 VDC (P level) (See note 2.)
Contact resistance
100 m
Ω max.
Operate time
10 ms max. (SR Models: 15 ms max.)
Release time
5 ms max.
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
Impulse withstand voltage
10 kV between coil and contacts (1.2
× 50 μs)
Vibration resistance
Destruction:
10 to 55 to 10 Hz, 1.5-mm double amplitude
Malfunction:
10 to 55 to 10 Hz, 0.825-mm single amplitude (1.65-mm double amplitude) when energized.
10 to 55 to 10 Hz, 0.4-mm single amplitude (0.8-mm double amplitude) when not energized.
Shock resistance
Destruction: 1,000 m/s2
Malfunction: NO: 200 m/s2, NC: 50 m/s2 when not energized
SR Models: 250 m/s2 (NO and NC) when not energized
Endurance
Mechanical: 10,000,000 operations min. (at 18,000 operations/hr)
Ambient temperature
Operating:
−40°C to 85°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 7.8 g


Similar Part No. - G6RL-1A-ASI

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
G6R3 EDAL-G6R3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
logo
Everlight Electronics C...
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
logo
Omron Electronics LLC
G6RN OMRON-G6RN Datasheet
446Kb / 6P
   Power Relay
G6RN OMRON-G6RN Datasheet
393Kb / 6P
   Power Relay
G6RN-1 OMRON-G6RN-1 Datasheet
446Kb / 6P
   Power Relay
More results

Similar Description - G6RL-1A-ASI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com