Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6EK-134C-US Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6EK-134C-US
Description  Low Signal Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6EK-134C-US Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6EK-134C-US Datasheet HTML 1Page - Omron Electronics LLC G6EK-134C-US Datasheet HTML 2Page - Omron Electronics LLC G6EK-134C-US Datasheet HTML 3Page - Omron Electronics LLC G6EK-134C-US Datasheet HTML 4Page - Omron Electronics LLC G6EK-134C-US Datasheet HTML 5Page - Omron Electronics LLC G6EK-134C-US Datasheet HTML 6Page - Omron Electronics LLC G6EK-134C-US Datasheet HTML 7Page - Omron Electronics LLC G6EK-134C-US Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Signal Relay
G6E
89
Low Signal Relay
G6E
Subminiature, Sensitive Signal Relay
• Subminiature 7.87 H x 9.91 W x 16 L mm.
• High sensitivity with pick-up coil power of 98 mW.
• Surge withstand voltage meets FCC Part 68 requirements.
• Unique moving loop armature reduces relay size, magnetic
interference, and contact bounce time.
• Bifurcated crossbar contact assures high reliability.
• Single and Dual coil latching versions available.
• Fully sealed construction.
• RoHS Compliant.
R
C
Ordering Information
To Order: Select the part number and add the desired coil voltage rating, (e.g., G6E-134P-ST-US-DC6).
Model Number Legend
Specifications
■ Contact Data
Note: P level:
λ
60 = 0.1 x 10
–6/operation
This value was measured at a switching frequency of 120 operations/min and the criterion of contact resistance is 50
Ω. This value may vary
depending on the switching frequency and operating environment. Always double-check relay suitability under actual operating conditions.
Contact form
Model
Terminal style
Standard
Single coil latching
Dual coil latching
SPDT
Bifurcated crossbar
Straight
G6E-134P-US
G6EU-134P-US
G6EK-134P-US
Self-clinching
G6E-134C-US
G6EU-134C-US
G6EK-134C-US
Load
Resistive load (p.f. = 1)
Inductive load (p.f. = 0.4) (L/R = 7 ms)
Rated load
0.40 A at 125 VAC, 2 A at 30 VDC
0.20 A at 125 VAC, 1 A at 30 VDC
Contact material
Ag (Au clad)
Carry current
3 A
Max. operating voltage
250 VAC, 220 VDC
Max. operating current
3 A
Max. switching capacity
50 VA, 60 W
25 VA, 30 W
Min. permissible load (See note) 10 µA, 10 mVDC
1. Relay Function
None: Single-side stable
U:
Single-winding latching
K:
Double-winding latching
2. Contact Form
1:
SPDT
3. Contact Type
3: Bifurcated crossbar
Ag (Au-Alloy) contact
4. Enclosure Ratings
4: Fully sealed
5. Terminals
P: Straight PCB
C: Curved tail
6. Special Function
L: Low sensitivity coil (400 mW)
8. Approved Standards
US: UL, CSA certified
7. Standoff dimension
Blank: 0.3 mm
ST:
0.64 mm
9. Rated Coil Voltage
3, 5, 6, 9, 12, 24, 48 VDC
G6E
-
-
-
DC
12
3
45 67
8
9


Similar Part No. - G6EK-134C-US

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
G6E3 EDAL-G6E3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
More results

Similar Description - G6EK-134C-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com