Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSCH125 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSCH125
Description  Single Phase Half Controlled Bridges with freewheeling diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSCH125 Datasheet(HTML) 2 Page - Powersem GmbH

  PSCH125 Datasheet HTML 1Page - Powersem GmbH PSCH125 Datasheet HTML 2Page - Powersem GmbH PSCH125 Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSCH 125
POWERSEM GmbH, Walpersdorfer Str. 53
 2003 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
Symbol Test Conditions
Characteristic Value
ID, IR
TVJ = TVJM, VR = VRRM, VD = VDRM
5
mA
VT
IT = 200A, TVJ = 25°C
1.57
V
VTO
For power-loss calculations only (TVJ = TVJM)
0.85
V
rT
3.5
m
VGT
VD = 6V
TVJ = 25°C
1.5
V
TVJ = -40°C
1.6
V
IGT
VD = 6V
TVJ = 25°C
100
mA
TVJ = -40°C
200
mA
VGD
TVJ = TVJM
VD = 2/3 VDRM
0.2
V
IGD
TVJ = TVJM
VD = 2/3 VDRM
5
mA
IL
TVJ = 25°C, tP = 30µs
450
mA
IG = 0.3A, diG/dt = 0.3A/µs
IH
TVJ = 25°C, VD = 6V, RGK = ∞
200
mA
tgd
TVJ = 25°C, VD = ½ VDRM
2
µs
IG = 0.3A, diG/dt = 0.3A/µs
tq
TVJ = TVJM, IT = 20A, tP = 200µs, VR = 100V
150
µs
-di/dt = 10A/
µs, dv/dt = 15V/µs, VD = 2/3 VDRM
RthJC
per thyristor; sine 180°el
0.46
K/W
per module
0.092
K/W
RthJK
per thyristor; sine 180° el
0.55
K/W
per module
0.11
K/W
dS
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
0.5
1
1.5
2
0
50
100
150
200
250
300
V [V]
F
IF
[A]
1:T
= 125°C
VJ
2:T
= 25°C
VJ
1
2
100
1
10
100
I [mA]
G
10
1000
tgd
us
T
=25°C
VJ
Typ.
Limit
0.4
0.6
0.8
1
1.2
1.4
1.6
100
101
102
103
t[ms]
I
(A)
TSM
TVJ=45°C
TVJ=150°C
1500
1350
I
------
ITSM
T(OV)
0 VRRM
1/2 VRRM
1 VRRM
Fig. 1 Forward current vs.
voltage drop per diode or
thyristor
Fig. 2 Gate trigger delay time
Fig. 3 Surge overload current
per diode (or thyristor) IFSM,
ITSM: Crest value t: duration


Similar Part No. - PSCH125

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSCH25 POWERSEM-PSCH25 Datasheet
165Kb / 2P
   Single Phase Half Controlled Rectifier Bridge With Freeweeling DIODE
PSCH50 POWERSEM-PSCH50 Datasheet
169Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
PSCH55 POWERSEM-PSCH55 Datasheet
181Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
PSCH75 POWERSEM-PSCH75 Datasheet
192Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
PSCH85 POWERSEM-PSCH85 Datasheet
208Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
More results

Similar Description - PSCH125

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSCH50 POWERSEM-PSCH50 Datasheet
169Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
PSCH85 POWERSEM-PSCH85 Datasheet
208Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
PSCH55 POWERSEM-PSCH55 Datasheet
181Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
PSCH75 POWERSEM-PSCH75 Datasheet
192Kb / 3P
   Single Phase Half Controlled Bridges with freewheeling diode
PSFH70 POWERSEM-PSFH70 Datasheet
171Kb / 3P
   Three Phase Half Controlled Bridges with freewheeling diode
PSCT75 POWERSEM-PSCT75 Datasheet
191Kb / 3P
   Single Phase Full Controlled Bridges with freewheeling diode
PSCT125 POWERSEM-PSCT125 Datasheet
212Kb / 3P
   Single Phase Full Controlled Bridges with freewheeling diode
PSCT55 POWERSEM-PSCT55 Datasheet
186Kb / 3P
   Single Phase Full Controlled Bridges with freewheeling diode
PSCT50 POWERSEM-PSCT50 Datasheet
170Kb / 3P
   Single Phase Full Controlled Bridges with freewheeling diode
PSCT85 POWERSEM-PSCT85 Datasheet
208Kb / 3P
   Single Phase Full Controlled Bridges with freewheeling diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com