Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS1G831AFP Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5PS1G831AFP
Description  1Gb DDR2 SDRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS1G831AFP Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5PS1G831AFP Datasheet HTML 1Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 2Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 3Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 4Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 5Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 6Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 7Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 8Page - Hynix Semiconductor HY5PS1G831AFP Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Rev. 0.7 / Oct. 2007
4
HY5PS1G431A(L)FP
HY5PS1G831A(L)FP
HY5PS1G1631A(L)FP
1.1 Device Features & Ordering Information
1.1.1 Key Features
• VDD=1.8V +/- 0.1V
• VDDQ=1.8 +/- 0.1V
• All inputs and outputs are compatible with SSTL_18 interface
• Fully differential clock inputs (CK, /CK) operation
• Double data rate interface
• Source synchronous-data transaction aligned to bidirectional data strobe (DQS, DQS)
• Differential Data Strobe (DQS, DQS)
• Data outputs on DQS, DQS edges when read (edged DQ)
• Data inputs on DQS centers when write(centered DQ)
• On chip DLL align DQ, DQS and DQS transition with CK transition
• DM mask write data-in at the both rising and falling edges of the data strobe
• All addresses and control inputs except data, data strobes and data masks latched on the rising
edges of the clock
• Programmable CAS latency 3, 4 and 5 supported
• Programmable additive latency 0, 1, 2, 3 and 4supported
• Programmable burst length 4/8 with both nibble sequential and interleave mode
• Internal eight bank operations with single pulsed RAS
• Auto refresh and self refresh supported
• tRAS lockout supported
• 8K refresh cycles /64ms
• JEDEC standard 68ball FBGA(x4/x8) , 92ball FBGA(x16)
• Full strength driver option controlled by EMRS
• On Die Termination supported
• Off Chip Driver Impedance Adjustment supported
• Read Data Strobe supported (x8 only)
• Self-Refresh High Temperature Entry
Ordering Information
Part No.
Configuration Package
HY5PS1G431A(L)FP-XX*
256Mx4
68 Ball
HY5PS1G831A(L)FP-XX*
128Mx8
HY5PS1G1631A(L)FP-XX*
64Mx16
92 Ball
Operating Frequency
Grade
tCK(ns)
CL
tRCD
tRP
Unit
E3
53
3
3
Clk
C4
3.75
4
4
4
Clk
Y5
35
5
5
Clk
Note:
XX* is the speed bin, refer to the Operation Frequency table for complete part number.
Hynix lead-free products are compliant to RoHS.
1. Description


Similar Part No. - HY5PS1G831AFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G831CFP HYNIX-HY5PS1G831CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831CFP HYNIX-HY5PS1G831CFP Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G831CFP-C4 HYNIX-HY5PS1G831CFP-C4 Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831CFP-E3 HYNIX-HY5PS1G831CFP-E3 Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831CFP-S5 HYNIX-HY5PS1G831CFP-S5 Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
More results

Similar Description - HY5PS1G831AFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com