Part Name
         Description
HY5DU561622FTP-D43I

 256Mb DDR SDRAM ( 28 Page)


HYNIX
100% 
Zoom Out Zoom In
 
 3 page
background image
Rev. 1.0 /Nov. 2007
3
HY5DU56822F(L)TP-xxI
HY5DU561622F(L)TP-xxI
DESCRIPTION
The HY5DU56822F(L)TP-xxI and HY5DU561622F(L)TP-xxI are a 268,435,456-bit CMOS Double Data Rate(DDR) Syn-
chronous DRAM, ideally suited for the main memory applications which requires large memory density and high band-
width.
This Hynix 256Mb DDR SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the
clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the /CK), Data,
Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are inter-
nally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible
with SSTL_2.
FEATURES
•VDD, VDDQ = 2.5V +/- 0.2V for DDR200, 266, 333
VDD, VDDQ = 2.6V +0.1V / -0.2V for DDR400, 500
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock inputs (CK, /CK) operation
Double data rate interface
Source synchronous - data transaction aligned to
bidirectional data strobe (DQS)
x16 device has two bytewide data strobes (UDQS,
LDQS) per each x8 I/O
Data outputs on DQS edges when read (edged DQ)
Data inputs on DQS centers when write (centered
DQ)
On chip DLL align DQ and DQS transition with CK
transition
DM mask write data-in at the both rising and falling
edges of the data strobe
All addresses and control inputs except data, data
strobes and data masks latched on the rising edges
of the clock
Programmable CAS latency 2/2.5 (DDR200, 266,
333) and 3 (DDR400, 500) supported
Programmable burst length 2/4/8 with both sequen-
tial and interleave mode
Internal four bank operations with single pulsed
/RAS
Auto refresh and self refresh supported
tRAS lock out function supported
8192 refresh cycles/64ms
JEDEC standard 400mil 66pin TSOP-II with 0.65mm
pin pitch
Lead free (*ROHS Compliant)
ORDERING INFORMATION
* xx means speed grade
** Lead-free product
Part No.
Configuration
Package
HY5DU56822F(L)TP-xx*I
32Mx8
400mil
66pin
TSOP-II**
HY5DU561622F(L)TP-xx*I
16Mx16
OPERATING FREQUENCY
Grade
Clock Rate
Remark
(CL-tRCD-tRP)
- D5
250MHz@CL3
DDR500 (3-3-3)
- D43
200MHz@CL3
DDR400B (3-3-3)
- J
133MHz@CL2
166MHz@CL2.5 DDR333 (2.5-3-3)
- K
133MHz@CL2
133MHz@CL2.5 DDR266A (2-3-3)
- H
100MHz@CL2
133MHz@CL2.5 DDR266B (2.5-3-3)
- L
100MHz@CL2
DDR200 (2-2-2)
*ROHS (Restriction Of Hazardous Substances)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl