Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU561622CTP-33 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DU561622CTP-33
Description  256M(16Mx16) gDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622CTP-33 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DU561622CTP-33 Datasheet HTML 1Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 2Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 3Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 4Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 5Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 6Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 7Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 8Page - Hynix Semiconductor HY5DU561622CTP-33 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev. 0.5 / Feb. 2006
4
1HY5DU561622CTP
PIN CONFIGURATION
ROW and COLUMN ADDRESS TABLE
Items
16Mx16
Organization
4M x 16 x 4banks
Row Address
A0 ~ A12
Column Address
A0 ~ A8
Bank Address
BA0, BA1
Auto Precharge Flag
A10
Refresh
4K
400 mil X 875mil
66 Pin TSOP
- II
0.65mm Pin Pitch
TOP VIEW
V DD
DQ0
VDDQ
DQ1
DQ2
V SSQ
DQ3
DQ4
V DDQ
DQ5
DQ6
V SSQ
DQ7
NC
V DDQ
LDQS
NC
V DD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
V DD
V SS
DQ15
V SSQ
DQ14
DQ13
V DDQ
DQ12
DQ11
V SSQ
DQ10
DQ9
V DDQ
DQ8
NC
V SSQ
UDQS
NC
V REF
V SS
UDM
/CLK
CLK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
V SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34


Similar Part No. - HY5DU561622CTP-33

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622CT-D HYNIX-HY5DU561622CT-D Datasheet
249Kb / 34P
   256M-P DDR SDRAM
HY5DU561622CT-D4 HYNIX-HY5DU561622CT-D4 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
HY5DU561622CT-D43 HYNIX-HY5DU561622CT-D43 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
More results

Similar Description - HY5DU561622CTP-33

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622ETP HYNIX-HY5DU561622ETP Datasheet
197Kb / 30P
   256M(16Mx16) gDDR SDRAM
logo
Samsung semiconductor
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222F HYNIX-HY5DU573222F Datasheet
266Kb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4S561633C-RL SAMSUNG-K4S561633C-RL Datasheet
59Kb / 8P
   16Mx16 SDRAM 54CSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com