Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU283222AQP-5 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DU283222AQP-5
Description  128M(4Mx32) GDDR SDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU283222AQP-5 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DU283222AQP-5 Datasheet HTML 1Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 2Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 3Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 4Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 5Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 6Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 7Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 8Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
DESCRIPTION
The Hynix HY5DU283222 is a 134,217,728-bit CMOS Double Data Rate(DDR) Synchronous DRAM, ideally suited for the
point-to-point applications which requires high bandwidth.
The Hynix 4Mx32 DDR SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the
clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the /CK), Data,
Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are inter-
nally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible
with SSTL_2.
FEATURES
•VDD, VDDQ = 2.5V
± 5%
All inputs and outputs are compatible with SSTL_2
interface
JEDEC standard 20mm x 14mm 100pin LQFP with
0.65mm pin pitch
Fully differential clock inputs (CK, /CK) operation
Double data rate interface
Source synchronous - data transaction aligned to
bidirectional data strobe (DQS)
Data outputs on DQS edges when read (edged DQ)
Data inputs on DQS centers when write (centered
DQ)
Data(DQ) and Write masks(DM) latched on the both
rising and falling edges of the data strobe
All addresses and control inputs except Data, Data
strobes and Data masks latched on the rising edges
of the clock
Write mask byte controls by DM (DM0 ~ DM3)
Programmable CAS Latency 3 and 4 supported
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
Internal 4 bank operations with single pulsed RAS
tRAS Lock-Out function supported
Auto refresh and self refresh supported
4096 refresh cycles / 32ms
Half strength and Matched Impedance driver option
controlled by EMRS
ORDERING INFORMATION
Part No.
Power Supply
Clock
Frequency
Max Data Rate
interface
Package
HY5DU283222AQP-33
VDD/VDDQ
= 2.5V
300MHz
600Mbps/pin
SSTL_2
20mm x 14mm
100pin LQFP
HY5DU283222AQP-36
275MHz
550Mbps/pin
HY5DU283222AQP-4
250MHz
500Mbps/pin
HY5DU283222AQP-5
200MHz
400Mbps/pin
HY5DU283222AQP
128Mb (4Mx32) Double Data Rate SDRAM
Rev. 0.1 / Jan. 2005
4
Note) Hynix supports Lead free parts for each speed grade with same specification, except Lead free material.
We’ll add “P” character after “Q” for Lead Free product. For example, the part number of 300MHz Lead Free
product is HY5DU283222AQP-33.


Similar Part No. - HY5DU283222AQP-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-33 HYNIX-HY5DU283222AQ-33 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-36 HYNIX-HY5DU283222AQ-36 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-4 HYNIX-HY5DU283222AQ-4 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-5 HYNIX-HY5DU283222AQ-5 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
More results

Similar Description - HY5DU283222AQP-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222BF HYNIX-HY5DU283222BF Datasheet
266Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DS283222BF HYNIX-HY5DS283222BF Datasheet
1,007Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222F HYNIX-HY5DU283222F Datasheet
1Mb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AF HYNIX-HY5DU283222AF Datasheet
355Kb / 32P
   128M(4Mx32) GDDR SDRAM
HY5DU283222Q HYNIX-HY5DU283222Q Datasheet
344Kb / 27P
   128M(4Mx32) GDDR SDRAM
HY5DW283222BF HYNIX-HY5DW283222BF Datasheet
265Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DV281622DTP HYNIX-HY5DV281622DTP Datasheet
1Mb / 28P
   128M(8Mx16) GDDR SDRAM
HY5DU281622ET HYNIX-HY5DU281622ET Datasheet
379Kb / 34P
   128M(8Mx16) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com