Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU283222AQP-5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY5DU283222AQP-5
Description  128M(4Mx32) GDDR SDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU283222AQP-5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY5DU283222AQP-5 Datasheet HTML 5Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 6Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 7Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 8Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 9Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 10Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 11Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 12Page - Hynix Semiconductor HY5DU283222AQP-5 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Rev. 0.1 / Jan. 2005
9
HY5DU283222AQP
SIMPLIFIED COMMAND TRUTH TABLE
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
ADDR
A8/
AP
BA
Note
Extended Mode Register Set
H
X
LLLL
OP code
1,2
Mode Register Set
H
X
LLLL
OP code
1,2
Device Deselect
HX
H
XXX
X1
No Operation
L
HHH
Bank Active
H
X
L
L
H
H
RA
V
1
Read
H
X
LHLH
CA
L
V
1
Read with Autoprecharge
H1,3
Write
HX
L
H
L
L
CA
L
V
1
Write with Autoprecharge
H1,4
Precharge All Banks
HX
L
L
H
L
X
HX
1,5
Precharge selected Bank
LV
1
Read Burst Stop
H
X
L
H
H
L
X
1
Auto Refresh
H
H
LLL
H
X
1
Self Refresh
Entry
H
L
LLL
H
X
1
Exit
L
H
H
XXX
1
L
HHH
Precharge Power
Down Mode
Entry
H
L
H
XXX
X
1
L
HHH
1
Exit
L
H
H
XXX
1
L
HHH
1
Active Power
Down Mode
Entry
H
L
H
XXX
X
1
L
VVV
1
Exit
L
H
X
1
Note :
1. DM(0~3) states are Don’t Care. Refer to below Write Mask Truth Table.
2. OP Code(Operand Code) consists of A0~A11 and BA0~BA1 used for Mode Register setting during Extended MRS or MRS.
Before entering Mode Register Set mode, all banks must be in a precharge state and MRS command can be issued after tRP
period from Prechagre command.
3. If a Read with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+tRP).
4. If a Write with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+1+tDPL+tRP). Last Data-In to Prechage delay(tDPL) which is also called Write Recovery Time
(tWR) is needed to guarantee that the last data has been completely written.
5. If A8/AP is High when Precharge command being issued, BA0/BA1 are ignored and all banks are selected to be
precharged.
( H=Logic High Level, L=Logic Low Level, X=Don’t Care, V=Valid Data Input, OP Code=Operand Code, NOP=No Operation )


Similar Part No. - HY5DU283222AQP-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-33 HYNIX-HY5DU283222AQ-33 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-36 HYNIX-HY5DU283222AQ-36 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-4 HYNIX-HY5DU283222AQ-4 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQ-5 HYNIX-HY5DU283222AQ-5 Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
More results

Similar Description - HY5DU283222AQP-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222BF HYNIX-HY5DU283222BF Datasheet
266Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DS283222BF HYNIX-HY5DS283222BF Datasheet
1,007Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222F HYNIX-HY5DU283222F Datasheet
1Mb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AF HYNIX-HY5DU283222AF Datasheet
355Kb / 32P
   128M(4Mx32) GDDR SDRAM
HY5DU283222Q HYNIX-HY5DU283222Q Datasheet
344Kb / 27P
   128M(4Mx32) GDDR SDRAM
HY5DW283222BF HYNIX-HY5DW283222BF Datasheet
265Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DV281622DTP HYNIX-HY5DV281622DTP Datasheet
1Mb / 28P
   128M(8Mx16) GDDR SDRAM
HY5DU281622ET HYNIX-HY5DU281622ET Datasheet
379Kb / 34P
   128M(8Mx16) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com