Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-351G1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3VM-351G1
Description  MOS FET Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-351G1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3VM-351G1 Datasheet HTML 1Page - Omron Electronics LLC G3VM-351G1 Datasheet HTML 2Page - Omron Electronics LLC G3VM-351G1 Datasheet HTML 3Page - Omron Electronics LLC G3VM-351G1 Datasheet HTML 4Page - Omron Electronics LLC G3VM-351G1 Datasheet HTML 5Page - Omron Electronics LLC G3VM-351G1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOS FET Relays
G3VM-351G1
181
MOS FET Relays
G3VM-351G1
Ultrasensitive MOS FET Relays in 350 V Load
series for power savings, SOP Package.
• Trigger LED forward current of 1 mA (maximum)
facilitates power saving designs and prolonged battery life.
• Continuous load current of 100 mA.
• RoHS Compliant
■ Application Examples
• Broadband systems and Measurement devices
• Security systems
• Industrial equipment
• Battery powered equipment and Amusement machines
Note: The actual product is marked differently from the image shown
here.
■ List of Models
Note: The AC peak and DC value are given for the load voltage.
■ Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ Terminal Arrangement/Internal Connections (Top View)
■ Actual Mounting Pad Dimensions (Recommended Value, Top View)
Contact form
Terminals
Load voltage ( peak value)
(See the note.)
Model
Number per stick
Number per tape
SPST-NO
Surface-mounting
terminals
350 V
G3VM-351G1
100
---
G3VM-351G1(TR) ---
2,500
4.4
±0.25
3.9
±0.25
0.4
±0.1
2.54
±0.25
2.1 max.
0.1
±0.1
7.0
±0.4
0.6
±0.3
0.15
G3VM-351G1
Note: The actual product is marked differently
from the image shown here.
Weight: 0.1 g
OMRON logo
Model name
LOT No.
Pin 1 mark
Mold pin mark
43
12
43
12
G3VM-351G1
Note: The actual product is marked differently
from the image shown here.
6 to 6.3
1.2
0.8
2.54
G3VM-351G1


Similar Part No. - G3VM-351G1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-351G1 OMRON-G3VM-351G1 Datasheet
253Kb / 4P
   MOS FET Relays
G3VM-351G1 OMRON-G3VM-351G1 Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-351G1TR OMRON-G3VM-351G1TR Datasheet
253Kb / 4P
   MOS FET Relays
G3VM-351G1 OMRON-G3VM-351G1_10 Datasheet
253Kb / 4P
   MOS FET Relays
More results

Similar Description - G3VM-351G1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41HR OMRON-G3VM-41HR Datasheet
89Kb / 2P
   MOS FET Relays
G3VM-81LR_1012 OMRON-G3VM-81LR_1012 Datasheet
258Kb / 4P
   MOS FET Relays
G3VM-401G OMRON-G3VM-401G_10 Datasheet
288Kb / 4P
   MOS FET Relays
G3VM-41BR OMRON-G3VM-41BR Datasheet
658Kb / 4P
   MOS FET Relays
G3VM-61B1 OMRON-G3VM-61B1_1 Datasheet
464Kb / 6P
   MOS FET Relays
G3VM-62J1 OMRON-G3VM-62J1 Datasheet
349Kb / 6P
   MOS FET Relays
G3VM-201G OMRON-G3VM-201G Datasheet
364Kb / 6P
   MOS FET Relays
G3VM-601G OMRON-G3VM-601G Datasheet
332Kb / 6P
   MOS FET Relays
G3VM-353B OMRON-G3VM-353B Datasheet
632Kb / 6P
   MOS FET Relays
G3VM-21GR1 OMRON-G3VM-21GR1_1 Datasheet
362Kb / 6P
   MOS FET Relays
G3VM-41GR3 OMRON-G3VM-41GR3 Datasheet
367Kb / 6P
   MOS FET Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com