Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-81GR1TR Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3VM-81GR1TR
Description  MOS FET Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-81GR1TR Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3VM-81GR1TR Datasheet HTML 1Page - Omron Electronics LLC G3VM-81GR1TR Datasheet HTML 2Page - Omron Electronics LLC G3VM-81GR1TR Datasheet HTML 3Page - Omron Electronics LLC G3VM-81GR1TR Datasheet HTML 4Page - Omron Electronics LLC G3VM-81GR1TR Datasheet HTML 5Page - Omron Electronics LLC G3VM-81GR1TR Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOS FET Relays
G3VM-81GR1
151
■ Engineering Data
LED forward current vs.
Ambient temperature
IF - Ta
Continuous load current vs.
Ambient temperature
IO - Ta
LED forward current vs.
LED forward voltage
IF - VF
-20
0
20
40
60
80
100
120
0
20
40
60
80
100
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
Ambient temperature Ta (
)
Ambient temperature Ta
LED forward voltage VF (V)
Continuous load current vs.
On-state voltage
IO - VON
On-state resistance vs.
Ambient temperature
RON - Ta
Trigger LED forward current vs.
Ambient temperature
IFT - Ta
On-state voltage VON (V)
Ambient temperature Ta (
)
Ambient temperature Ta (
)
Turn ON, Turn OFF time vs.
LED forward current
tON, tOFF - IF
Turn ON, Turn OFF time vs.
Ambient temperature
tON, tOFF - Ta
Current leakage vs.
Load voltage
I LEAK – VOFF
LED forward current IF (mA)
Ambient temperature Ta (
Load voltage VOFF(v)
Output terminal capacitance
COFF/COFF(ov) vs. Load voltage
COFF VOFF
Load voltage VOFF(
v)
Ta = 25
°C
-20
0
20
40
60
80
100
120
0
100
200
300
400
500
Ta = 25
I= 5mA
F
-1
-0 .5
0
0 .5
1
-2 0 0
-1 0 0
0
10 0
20 0
Ta = 25
I= 5mA
F
-1
-0 .5
0
0 .5
1
-2 0 0
-1 0 0
0
10 0
20 0
I=200mA
I=5mA, t<1s
O
F
-2 0
0
20
4 0
60
80
100
0
5
10
15
20
I= 200 mA
I=5mA, t<1s
O
F
-2 0
0
20
4 0
60
80
100
0
5
10
15
20
Ta=25
V
=10V, R =200
DD
L
tON
tOFF
3
30
0.3
3
30
30 0
30 0 0
Ω
0.1
1
10
10 0
1
10
10 0
100 0
Ta=25
V
=10V, R =200
DD
L
tON
tOFF
3
30
0.3
3
30
30 0
30 0 0
Ω
0.1
1
10
10 0
1
10
10 0
100 0
V=10V,R =200
I=5m A
DD
F
L
tON
tOFF
Ω
-20
0
20
4 0
60
80
1 0 0
0
100
200
300
400
V=10V, R=200
I=5m A
DD
F
L
tON
tOFF
Ω
-20
0
20
4 0
60
80
1 0 0
0
100
200
300
400
Ta = 25
0
20
40
60
80
1 0 0
5
10
15
20
25
30
Ta = 25
0
20
40
60
80
1 0 0
5
10
15
20
25
30
Ta = 25
010
20
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta = 25
010
20
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
I
=200mA
t< 1s
O
-2 0
0
20
4 0
60
8 0
10 0
0
0.5
1.0
1.5
I= 200 mA
t< 1s
O
-2 0
0
20
4 0
60
8 0
10 0
0
0.5
1.0
1.5


Similar Part No. - G3VM-81GR1TR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-81GR1 OMRON-G3VM-81GR1 Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
More results

Similar Description - G3VM-81GR1TR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41HR OMRON-G3VM-41HR Datasheet
89Kb / 2P
   MOS FET Relays
G3VM-81LR_1012 OMRON-G3VM-81LR_1012 Datasheet
258Kb / 4P
   MOS FET Relays
G3VM-401G OMRON-G3VM-401G_10 Datasheet
288Kb / 4P
   MOS FET Relays
G3VM-41BR OMRON-G3VM-41BR Datasheet
658Kb / 4P
   MOS FET Relays
G3VM-61B1 OMRON-G3VM-61B1_1 Datasheet
464Kb / 6P
   MOS FET Relays
G3VM-62J1 OMRON-G3VM-62J1 Datasheet
349Kb / 6P
   MOS FET Relays
G3VM-201G OMRON-G3VM-201G Datasheet
364Kb / 6P
   MOS FET Relays
G3VM-601G OMRON-G3VM-601G Datasheet
332Kb / 6P
   MOS FET Relays
G3VM-353B OMRON-G3VM-353B Datasheet
632Kb / 6P
   MOS FET Relays
G3VM-21GR1 OMRON-G3VM-21GR1_1 Datasheet
362Kb / 6P
   MOS FET Relays
G3VM-41GR3 OMRON-G3VM-41GR3 Datasheet
367Kb / 6P
   MOS FET Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com