Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVS-6XX0 Datasheet(PDF) 4 Page - Unity Opto Technology

Part # UVS-6XX0
Description  0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-6XX0 Datasheet(HTML) 4 Page - Unity Opto Technology

  UVS-6XX0 Datasheet HTML 1Page - Unity Opto Technology UVS-6XX0 Datasheet HTML 2Page - Unity Opto Technology UVS-6XX0 Datasheet HTML 3Page - Unity Opto Technology UVS-6XX0 Datasheet HTML 4Page - Unity Opto Technology UVS-6XX0 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.56 inch ( 14.2 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 SERIES
ELECTRICAL/OPTICAL CHARACTERISTICS
GREEN (UVS-6460G / 6480G)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2400
mcd
λp/Hue
565/569
nm
∆λ
30
nm
VF
2.1
2.6
V
IR
100
mA
Iv- m
2:1
YELLOW (UVS-6760Y / 6780Y)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2400
µcd
λp/Hue
585/588
nm
∆λ
35
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
RED ORANGE (UVS-6660E / 6680E)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2400
µcd
λp/Hue
630/621
nm
∆λ
40
nm
VF
2.0
2.6
V
IR
100
µA
Iv- m
2:1
11/14/2000
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
IF = 20 mA
IF = 20 mA
VR = 5 V
IF = 10 mA
Peak Emission Wavelength
TEST CONDITION
IF = 10 mA
IF = 20 mA
PARAMETER
Average Luminous Intensity
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
Spectral Line Half-Width
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
Forward Voltage, Per Segment
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Unity Opto Technology Co., Ltd.


Similar Part No. - UVS-6XX0

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-312A UOT-UVS-312A Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AE UOT-UVS-312AE Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AG UOT-UVS-312AG Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AHR UOT-UVS-312AHR Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AP UOT-UVS-312AP Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
More results

Similar Description - UVS-6XX0

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVD-6XX0 UOT-UVD-6XX0 Datasheet
71Kb / 5P
   0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Lite-On Technology Corp...
LTC-5723HR LITEON-LTC-5723HR Datasheet
408Kb / 7P
   0.56 inch (14.2 mm) DIGIT HEIGHT.
logo
Agilent(Hewlett-Packard...
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Fairchild Semiconductor
MAN6160E FAIRCHILD-MAN6160E Datasheet
269Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com