Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3S4YR-MKW1JD Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3S4YR-MKW1JD
Description  Motor Driven Card Reader/Writer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MKW1JD Datasheet(HTML) 2 Page - Omron Electronics LLC

  3S4YR-MKW1JD Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MKW1JD Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MKW1JD Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MKW1JD Datasheet HTML 4Page - Omron Electronics LLC 3S4YR-MKW1JD Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3S4YR-MKW
3S4YR-MKW
Part number
3S4YR-MKW
Recommended card type
Magnetic card
ISO 7810-7813
IC card
ISO 7816/1, 2
Recording method
FM decoding (F2F)
Card feeding speed
20 cm/sec
± 10% (7.87 in/sec)
Motor type
DC motor
Service life (See note)
1,200,000 passes min.
Operating power supply
Amplifier
24 VDC
± 10%
Motor
24 VDC
± 10%
Control logic
5 VDC
± 5%
Current consumption
Amplifier
260 mA max.
Motor
1.7 A max.
Control logic
330 mA max.
Mounting location
Anywhere not directly subject to water or rain
Mounting orientation
Stripe top or stripe bottom
Ambient temperature
Operation
-5
° to 55°C (23° to 131°F)
Storage
-25
° to 70°C (-13° to 158°F)
Ambient humidity
Operation
45% to 85% RH without condensation
Storage
30% to 90% RH
Vibration
10 to 55 Hz, 2 mm double amplitude, for 30 minutes in X, Y, and Z directions
Shock
300 m/sec2 (30 G) in each of X, Y, and Z directions
Dimensions
With shutter
247L x 106W x 92H mm (9.72L x 4.17W x 3.62H in)
Without shutter
222L x 98W x 92H mm (8.74L x 3.86W x 3.62H in)
Weight
Approx. 1.9 kg (4.2 lbs) when fully equipped
Specifications
s ACCESSORIES
Description
Part Number
IC Contact, chip on the front, lower position
IC CONTACT J
IC Contact, chip on the front, upper and lower positions
IC CONTACT X
Shutter for MKW1PC, MKW1PCH, MKFW1PC
SHUTTER MKD1
Shutter for MKW3PC
SHUTTER MK3
Shutter for MKW4PC, MKW4PCH
SHUTTER MK4
Shutter for MKW5PC
SHUTTER MK5
Shutter for MKW6PC
SHUTTER MK6
Shutter for MKW7PC
SHUTTER MK7
MM Sensor Holder (MM sensor itself must be purchased from the manufacturer.)
MM HOLDER
Watermark Reader Head. Cannot be used to write track 1.
WATERMARK HEAD
Watermark Circuit Board. Cannot be used to write track 1.
WATERMARK PCB
(See note 1)
(See note 1)
(See note 2)
(See note 2)
Note 1: Consult your Omron sales representative for IC contact accessories. Special configurations can be supplied.
2: Watermark Reader Head and Watermark Circuit Board must be ordered together.
Note: One pass denotes one round trip.
s TYPICAL APPLICATIONS
• Cash Dispensers
• Automatic Teller Machines (ATM)
• POS Terminals
• Credit Card Checkers
• ID Card Checkers
• Electronic Lock Systems
• Medical Patient Systems
• Health Control Systems
2


Similar Part No. - 3S4YR-MKW1JD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
   Motor Driven Card Reader
More results

Similar Description - 3S4YR-MKW1JD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
   Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
   Motor Driven Card Reader/Writer
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
   Motor Driven Card Reader
V2AF OMRON-V2AF Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
   56-in-1 Memory Card Reader/Writer
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
IOGEAR
GFR381 IOGEAR-GFR381 Datasheet
145Kb / 3P
   SuperSpeed USB 3.0 Multi-Card Reader/Writer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com