Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6B-2214C-US Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6B-2214C-US
Description  Power PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B-2214C-US Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6B-2214C-US Datasheet HTML 1Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 2Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 3Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 4Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 5Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 6Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 7Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 8Page - Omron Electronics LLC G6B-2214C-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Power PCB Relay
G6B
149
Power PCB Relay
G6B
Subminiature Relay that Switches up to 5 A
• Subminiature: 20 x 10 x 10 mm (L x W x H).
• Low power consumption: 200 mW.
• Unique moving loop armature reduces relay size, magnetic
interference, and contact bounce time.
• Fully sealed construction
• Single and Dual coil latching types also available.
• High Capacity versions available
• RoHS Compliant
R
C+
Ordering Information
Model Number Legend
Classification
Contact form
Straight Through-hole PCB
Self-clinching Through-hole PCB
Non-latching
SPST-NO
G6B-1114P-US
G6B-1114C-US
SPST-NO+SPST-NC
G6B-2114P-US
G6B-2114C-US
DPST-NO
G6B-2214P-US
G6B-2214C-US
DPST-NC
G6B-2014P-US
G6B-2014C-US
Single coil latching
SPST-NO
G6BU-1114P-US
G6BU-1114C-US
Dual coil latching
SPST-NO
G6BK-1114P-US
G6BK-1114C-US
High-capacity, Non-latching
SPST-NO
G6B-1174P-US
G6B-1174C-US
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G6B-1114P-US DC12
1. Relay Function
None: Non-latching
U:
Single coil latching
K:
Dual coil latching
2. Contact Form
21:
SPST-NO + SPST-NC
22:
DPST-NO
20:
DPST-NC
11:
SPST-NO
3. Contact Type
1: Standard
7: High-capacity
4. Enclosure Ratings
4: Fully sealed
5. Terminals
P: Straight Through-hole PCB
C: Self-clinching Through-hole PCB
6. Approved Standards
US:
UL/CSA certified
7. Mounting Method
None: Mount directly to PCB
P6B: Mount to Socket
8. Rated Coil Voltage
5, 6, 12, or 24 VDC
G6B
-
-
-
DC
12 34 5
67
8


Similar Part No. - G6B-2214C-US

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6B-2214C-US ETC1-G6B-2214C-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B-2214C-US OMRON-G6B-2214C-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
G6B-2214C-US OMRON-G6B-2214C-US Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
More results

Similar Description - G6B-2214C-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com