Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6A Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G6A
Description  Low Signal Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6A Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G6A Datasheet HTML 2Page - Omron Electronics LLC G6A Datasheet HTML 3Page - Omron Electronics LLC G6A Datasheet HTML 4Page - Omron Electronics LLC G6A Datasheet HTML 5Page - Omron Electronics LLC G6A Datasheet HTML 6Page - Omron Electronics LLC G6A Datasheet HTML 7Page - Omron Electronics LLC G6A Datasheet HTML 8Page - Omron Electronics LLC G6A Datasheet HTML 9Page - Omron Electronics LLC G6A Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
88
Low Signal Relay
G6A
G6AK-274P-ST(40)-US
G6AU-474P-ST-US
G6AK-474P-ST(40)-US
Precautions
Long-term Continuously ON Contacts
Using the Relay in a circuit where the Relay will be ON continuously
for long periods (without switching) can lead to unstable contacts
because the heat generated by the coil itself will affect the insulation,
causing a film to develop on the contact surfaces. Be sure to use a
fail-safe circuit design that provides protection against contact failure
or coil burnout. Otherwise, use a latching relay.
Relay Handling
When washing the product after soldering the Relay to a PCB, use a
water-based solvent or alcohol-based solvent, and keep the solvent
temperature to less than 40
°C. Do not put the Relay in a cold clean-
ing bath immediately after soldering.
20.2 max.
(20)*
0.6
10.1 max.
(9.9)*
8.4 max.
(8.2)*
0.64
7.62
0.3
3.16
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes
(Bottom View)
Tolerance:
±0.1
1
16
4
13
6
11
8
9
+
-
+
-
2
15
SR
2.54
5.08 5.08
(1.2)
7.62
(1.2)
(1.2)
(1.2)
5.08
Ten, 1-dia. holes
*Average value
35.4 max.
(35.2)*
0.6
10.1 max.
(9.9)*
8.4 max.
(8.2)*
0.64
7.62
0.3
3.16
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes
(Bottom View)
Tolerance:
±0.1
4
6
11
8
9
1
16
+ -
- +
14
3
12
5
10
7
13
S R
5.08
5.08
5.08
(1.2)
7.62
5.08
5.08
Fourteen, 1.0-dia. holes
7.62
(1.2)
(1.2)
(1.2)
*Average value
Terminal Arrangement/
Internal Connections
(Bottom View)
Mounting Holes
(Bottom View)
Tolerance:
±0.1
35.4 max.
(35.2)*
0.6
10.1 max.
(9.9)*
8.4 max.
(8.2)*
0.64
7.62
0.3
3.16
46
11
8
9
1
16
+
-
14
3
12
5
10
7
13
S
-
+
2
15
R
5.08
5.08
5.08 2.54
5.08
5.08
Sixteen, 1.0-dia. holes
5.08
7.62
(1.2)
(1.2)
(1.2)
*Average value


Similar Part No. - G6A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6A OMRON-G6A Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
G6A OMRON-G6A Datasheet
606Kb / 10P
   Low Signal Relay
G6A-274P-ST OMRON-G6A-274P-ST Datasheet
1,014Kb / 9P
   Resistant to electromagnetic interference
G6A-274P-ST-US OMRON-G6A-274P-ST-US Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
More results

Similar Description - G6A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com