Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5LA-14-CF Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G5LA-14-CF
Description  PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LA-14-CF Datasheet(HTML) 5 Page - Omron Electronics LLC

  G5LA-14-CF Datasheet HTML 1Page - Omron Electronics LLC G5LA-14-CF Datasheet HTML 2Page - Omron Electronics LLC G5LA-14-CF Datasheet HTML 3Page - Omron Electronics LLC G5LA-14-CF Datasheet HTML 4Page - Omron Electronics LLC G5LA-14-CF Datasheet HTML 5Page - Omron Electronics LLC G5LA-14-CF Datasheet HTML 6Page - Omron Electronics LLC G5LA-14-CF Datasheet HTML 7Page - Omron Electronics LLC G5LA-14-CF Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PCB Relay
G5LA
171
Engineering Data
Maximum switching capacity (NO)
Ambient Temperature vs. Maximum Coil
Voltage
Note: The maximum coil voltage refers to the maximum value in a
varying range of operating power voltage not a continuous
voltage.
Electrical service life NO (Average value)
Note: The 120 VAC resistive load service life curve also applies for
250 VAC resistive load.
0
DC resistive
load
0.3
10
30
50
125
250
500 1,000
0.5
0.7
1
3
5
7
10
AC
resistive
load
Switching voltage (V)
200
180
160
140
120
100
0
-25
20
30
40
50
60
70
80
90
100
23
Ambient temperature (˚C)
0
0
Switching current (A)
30-VDC
resistive load
120-VAC
resistive load
68
10
4
2
30
50
70
100
300
500
700
1,000
3,000
5,000


Similar Part No. - G5LA-14-CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G5LA-14-CF ETC2-G5LA-14-CF Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA-14-CF OMRON-G5LA-14-CF Datasheet
269Kb / 6P
   PCB Relay
G5LA-14-CF OMRON-G5LA-14-CF Datasheet
269Kb / 6P
   PCB Relay
G5LA-14-CF OMRON-G5LA-14-CF Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
More results

Similar Description - G5LA-14-CF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com