Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC866LC3C Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC866LC3C
Description  32 Gbps LIMITING AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC866LC3C Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC866LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 8Page - Hittite Microwave Corporation HMC866LC3C Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 24
HMC866LC3C
v00.1209
32 Gbps LIMITING AMPLIFIER
Differential Output vs. Vinput & Supply
Voltage @ 16 GHz [1]
Differential Output vs. Vinput &
Frequency [1] [2]
10
100
1000
1
10
100
1000
Vcc = 3.3V
Vcc = 3.13V
Vcc = 3.47V
SINGLE-ENDED Vin (mVp-p)
10
100
1000
1
10
100
1000
2 GHz
10 GHz
16 GHz
20 GHz
SINGLE-ENDED Vin (mVp-p)
[1] VAC = 1.6V [2] Vcc = 3.3V [3] Input Data: Differential 50 mVp-p 32 Gbps NRZ PRBS 223-1 pattern
Peak to Peak Jitter vs. Supply Voltage [1][3]
DC Current vs. Supply Voltage [1][3]
Rise & Fall Time vs. Supply Voltage [1][3]
DC Current vs. Control Voltage [2][3]
4
5
6
7
8
3.13
3.19
3.24
3.3
3.36
3.41
3.47
SUPPLY VOLTAGE Vcc (V)
0
25
50
75
100
125
150
3.13
3.19
3.24
3.3
3.36
3.41
3.47
+25C
+85C
-40C
SUPPLY VOLTAGE Vcc (V)
4
8
12
16
3.13
3.19
3.24
3.3
3.36
3.41
3.47
Rise Time
Fall Time
SUPPLY VOLTAGE Vcc (V)
0
25
50
75
100
125
150
1
1.1
1.2
1.3
1.4
1.5
1.6
+25C
+85C
-40C
CONTROL VOLTAGE VAC (V)


Similar Part No. - HMC866LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC866LC3C HITTITE-HMC866LC3C Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
More results

Similar Description - HMC866LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC865LC3 AD-HMC865LC3 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
v01.0614
HMC866LC3 AD-HMC866LC3 Datasheet
1Mb / 12P
   32 Gbps LIMITING AMPLIFIER
v01.0614
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_09 Datasheet
475Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC750LP4 HITTITE-HMC750LP4 Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com