Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVS-4X01 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVS-4X01
Description  0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-4X01 Datasheet(HTML) 1 Page - Unity Opto Technology

  UVS-4X01 Datasheet HTML 1Page - Unity Opto Technology UVS-4X01 Datasheet HTML 2Page - Unity Opto Technology UVS-4X01 Datasheet HTML 3Page - Unity Opto Technology UVS-4X01 Datasheet HTML 4Page - Unity Opto Technology UVS-4X01 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.4 inch ( 10.0 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
DESCRIPTION
The UVS-4301/4801 is 0.4 inch (10.0mm) height single digit display.
Choices of five colors-high efficiency red/bright red/green/yellow/red orange.
All devices displays have gray face and white segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The yellow and red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
40
75
60
75
mW
25
15
25
20
25
mA
0.33
0.2
0.33
0.27
0.33
mA/
oC
5
5
5
5
5
V
INTERNAL CIRCUIT
DIAGRAM
Fig. 2
100
l
Industuy Standard Size
l
Wide Viewing angle
RED
ORANGE
80
Fig. 1
PACKAGE
DIMENSION
HI.EFF.
RED
mA
Operating Temperature Range
Storage Temperature Range
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
Reverse Voltage Per Segment
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
PARAMETER
-35
oCto+85oC
-35
oCto+85oC
BRIGHT
RED
GREEN YELLOW
100
60
100
UNIT
11/14/2000
UVS-4X01 SERIES
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
PART NO.
UVS-4301
UVS-4801
DESCRIPTION
Common Cathode
Common Anode
Unity Opto Technology Co., Ltd.


Similar Part No. - UVS-4X01

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-4X10A UOT-UVS-4X10A Datasheet
64Kb / 5P
   0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4X40A UOT-UVS-4X40A Datasheet
64Kb / 5P
   0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVS-4X01

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-40XXA UOT-UVS-40XXA Datasheet
64Kb / 5P
   0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVD-4X2XC UOT-UVD-4X2XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTD-4708JR LITEON-LTD-4708JR Datasheet
142Kb / 5P
   0.4-INCH (10.0-mm) DIGIT HEIGHT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com