Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVS-313AHR Datasheet(PDF) 4 Page - Unity Opto Technology

Part # UVS-313AHR
Description  0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-313AHR Datasheet(HTML) 4 Page - Unity Opto Technology

  UVS-313AHR Datasheet HTML 1Page - Unity Opto Technology UVS-313AHR Datasheet HTML 2Page - Unity Opto Technology UVS-313AHR Datasheet HTML 3Page - Unity Opto Technology UVS-313AHR Datasheet HTML 4Page - Unity Opto Technology UVS-313AHR Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.36 inch ( 9.14 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
ELECTRICAL/OPTICAL CHARACTERISTICS
GREEN (UVS-312AG / 313AG / 315AG)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
870
2000
mcd
λp/Hue
565/569
nm
∆λ
30
nm
VF
2.1
2.6
V
IR
100
mA
Iv - m
2:1
YELLOW (UVS-312AY / 313AY / 315AY)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
870
2000
µcd
λp/Hue
585/588
nm
∆λ
35
nm
VF
2.1
2.6
V
IR
100
µA
Iv - m
2:1
RED ORANGE (UVS-312AE / 313AE / 315AE)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
870
2000
µcd
λp/Hue
630/621
nm
∆λ
40
nm
VF
2.0
2.6
V
IR
100
µA
Iv - m
2:1
11/14/2000
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Spectral Line Half-Width
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
Forward Voltage, Per Segment
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
Peak Emission Wavelength
TEST CONDITION
IF = 10 mA
IF = 20 mA
PARAMETER
Average Luminous Intensity
IF = 20 mA
IF = 20 mA
VR = 5 V
IF = 10 mA
IF = 20 mA
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
UVS-31XA SERIES
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
Unity Opto Technology Co., Ltd.


Similar Part No. - UVS-313AHR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-3401 UOT-UVS-3401 Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-3401L UOT-UVS-3401L Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-3403L UOT-UVS-3403L Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-360 UOT-UVS-360 Datasheet
50Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVS-313AHR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTS-360HR LITEON-LTS-360HR Datasheet
131Kb / 5P
   0.36 inch (9.14-mm) DIGIT HEIGHT
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
logo
Lucky Light Electronic
KW1-361 LUCKY-LIGHT-KW1-361 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.36")
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
Inolux Corporation
HNTS36 INOLUX-HNTS36 Datasheet
1Mb / 17P
   0.36 Single Digit Numeric Display
logo
LIGITEK electronics co....
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com