Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H57V1262GFR-75X Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # H57V1262GFR-75X
Description  128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H57V1262GFR-75X Datasheet(HTML) 2 Page - Hynix Semiconductor

  H57V1262GFR-75X Datasheet HTML 1Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 2Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 3Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 4Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 5Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 6Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 7Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 8Page - Hynix Semiconductor H57V1262GFR-75X Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. 1.0 / Aug. 2009
2
Synchronous DRAM Memory 128Mbit (8Mx16bit)
H57V1262GFR Series
DESCRIPTION
The Hynix H57V1262GFR series is a 134,217,728bit CMOS Synchronous DRAM, ideally suited for the memory applica-
tions which require wide data I/O and high bandwidth. H57V1262GFR series is organized as 4banks of 2,097,152 x 16.
H57V1262GFR is offering fully synchronous operation referenced to a positive edge of the clock. All inputs and outputs
are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve very high
bandwidth. All input and output voltage levels are compatible with LVTTL.
Programmable options include the length of pipeline (Read latency of 2 or 3), the number of consecutive read or write
cycles initiated by a single control command (Burst length of 1,2,4,8 or full page), and the burst count sequence(se-
quential or interleave). A burst of read or write cycles in progress can be terminated by a burst terminate command or
can be interrupted and replaced by a new burst read or write command on any cycle. (This pipelined design is not re-
stricted by a '2N' rule)
FEATURES
This product is in compliance with the directive pertaining of RoHS.
ORDERING INFORMATION
1. H57V1262GFR-XXC Series: Normal power, Commercial Temp.(0oC to 70oC)
2. H57V1262GFR-XXI Series: Normal power, Industrial Temp. (-40oC to 85oC)
3. H57V1262GFR-XXL Series: Low power, Commercial Temp.(0oC to 70oC)
4. H57V1262GFR-XXJ Series: Low power, Industrial Temp. (-40oC to 85oC)
Part No.
Clock Frequency
Organization
Interface
Package
H57V1262GFR-50X
200MHz
4Banks x 2Mbits
x16
LVTTL
54 Ball FBGA
H57V1262GFR-60X
166MHz
H57V1262GFR-70X
143MHz
H57V1262GFR-75X
133MHz
Voltage: VDD and VDDQ 3.3V supply voltage
All device pins are compatible with LVTTL interface
54 Ball FBGA (Lead or Lead Free Package)
All inputs and outputs referenced to positive edge of
system clock
Data mask function by UDQM, LDQM
Internal four banks operation
Auto refresh and self refresh
4096 Refresh cycles / 64ms
Programmable Burst Length and Burst Type
- 1, 2, 4, 8 or full page for Sequential Burst
- 1, 2, 4 or 8 for Interleave Burst
Programmable CAS Latency; 2, 3 Clocks
Burst Read Single Write operation
Operation temperature
HY5V26F(L)F(P)-XX Series: 0 ~ 70oC
HY5V26F(L)F(P)-X(I) Series: -40 ~ 85oC


Similar Part No. - H57V1262GFR-75X

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-60X HYNIX-H57V1262GTR-60X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-70X HYNIX-H57V1262GTR-70X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-75X HYNIX-H57V1262GTR-75X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
More results

Similar Description - H57V1262GFR-75X

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620ET HYNIX-HY57V281620ET Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
H57V2582GTR-60I HYNIX-H57V2582GTR-60I Datasheet
229Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com