Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


V-10G-3C24-K Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. V-10G-3C24-K
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 2 page
background image
122
Snap Action Switch
V
■ Available Combinations
Note: 1.
❍: Available model.
Consult OMRON for specific models with standard approval.
■ List of Models
Thermoplastic Case
21 A (OF: 400 gf)
Note: 1. Add “G” to the part number in the appropriate location to obtain a 0.5 mm contact gap. Add “-K” to the part number in the appropriate
location to obtain 2.9 mm mounting holes. Example: V-21G2-1C6-K
2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet.
Thermoplastic case
Thermosetting case
Model
V-21V-16V-11V-15
V-10
Rated Current
21 A
16 A
11 A
15 A
10 A
COM
terminal
position
Insulation
Barrier
Heat
Resistance
OF
Terminal Symbol
400 gf
400 gf
200 gf
100 gf
400 gf
200 gf
200 gf
100 gf
Bottom
No
Standard
(80
°C)
Solder terminals (A)
- - -
❍❍
❍❍❍
❍❍
Quick-connect
terminals (#187)(C2)
- - -
❍❍
❍❍❍
❍❍
Quick-connect
terminals (#250)(C)
❍❍❍
❍❍
Heat
resistant
(150
°C)
Solder terminals (A)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#187)(C2)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#250)(C)
- - -- - -
- - -- - -- - -- - -- - -
- - -
Yes
Standard
(80
°C)
Solder terminals (A)
- - -
❍❍
- - -
- - -
- - -
- - -
- - -
Quick-connect
terminals (#187)(C2)
- - -
❍❍
- - -
- - -
- - -
- - -
- - -
Quick-connect
terminals (#250)(C)
❍❍
- - -
- - -
- - -
- - -
- - -
Side
No
Standard
(80
°C)
Solder terminals (A)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#187)(C2)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#250)(C)
- - -
- - -
- - -
- - -
- - -
- - -
- - -
Common
terminal
position
Contact
form
Terminal style Actuator
Bottom
SPDT
Quick-connect
(#250) (C)
V-21-1C6
V-21-1CR6
V-21-1CL6
SPST-NC
V-21-2C6
V-21-2CR6
V-21-2CL6
SPST-NO
V-21-3C6
V-21-3CR6
V-21-3CL6
SPDT
V-211-1C6
V-211-1CR6
V-211-1CL6
V-212-1C6
V-212-1CR6
V-212-1C6
V-213-1C6
V-213-1CR6
V-213-1CL6
V-214-1C6
V-214-1CR6
V-214-1CL6
V-215-1C6
V-215-1CR6
V-215-1CL6
V-216-1C6
V-216-1CR6
V-216-1CL6
Without barrier
Without barrier
Right-hand barrier
Left-hand barrier
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl