Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVP-2344G Datasheet(PDF) 2 Page - Unity Opto Technology

Part # UVP-2344G
Description  2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-2344G Datasheet(HTML) 2 Page - Unity Opto Technology

  UVP-2344G Datasheet HTML 1Page - Unity Opto Technology UVP-2344G Datasheet HTML 2Page - Unity Opto Technology UVP-2344G Datasheet HTML 3Page - Unity Opto Technology UVP-2344G Datasheet HTML 4Page - Unity Opto Technology UVP-2344G Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.0 inch ( 50.80mm )
4X4 DOT MATRIX LED DISPLAY
UVP-2X44 SERIES
PACKAGE DIMENSIONS
Fig. 1
INTERNAL CIRCUIT DIAGRAM
A. UVP-2344XX
B. UVP-2844A3
3 CHIPS IN SERIES
Fig. 2
11/14/2000
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-2344G

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2057 UOT-UVP-2057 Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2058 UOT-UVP-2058 Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
UVP-2088 UOT-UVP-2088 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
UVP-2157A UOT-UVP-2157A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
More results

Similar Description - UVP-2344G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2121-AG MARKTECH-MTAN2121-AG Datasheet
69Kb / 1P
   2.0 4x4 Dot Matrix Display
logo
Unity Opto Technology
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
logo
Marktech Corporate
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-57261EG CHINASEMI-CSM-57261EG Datasheet
274Kb / 8P
   2.0 Inch Dot-Matrix Display
logo
Ningbo Foryard Optoelec...
FYM-20571AX-00 FORYARD-FYM-20571AX-00 Datasheet
454Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AW-X5 FORYARD-FYM-20571AW-X5 Datasheet
424Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571CX-00 FORYARD-FYM-20571CX-00 Datasheet
430Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571EXX-00 FORYARD-FYM-20571EXX-00 Datasheet
539Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com