Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3R-ODX02SN Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3R-ODX02SN
Description  Solid State Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3R-ODX02SN Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3R-ODX02SN Datasheet HTML 1Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 2Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 3Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 4Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 5Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 6Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 7Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 8Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
410
Solid State Relay
G3R-I/O
Engineering Data
Load Current vs. Ambient Temperature
Inrush Current Resistivity
Non-repetitive (Keep the inrush current to half the rated value if it occurs repetitively.)
2
1.5
−30
0.7
0.5
1
−20
0
20 30 40 55 60
80
100
1.4
−30 −20
0
20
40 55 60
80
100
2
1.5
0.5
1
0.6
1.1
2
1.5
0.5
1
−30 −20
0
20
40 55 60
80
100
1.4
4-point mounting (see note 1)
16-point mounting (see note 2)
4-point mounting (see note 1)
4-point mounting (see note 1)
16-point mounting (see note 2)
G3R-OA202SZN(-UTU)/OA202SLN(-UTU)
G3R-OD201SN(-UTU) (40 to 200 VAC)
G3R-ODX02SN(-UTU) (4 to 60 VDC)
Ambient temperature (
°C)
Ambient temperature (
°C)
Ambient temperature (
°C)
Note: 1. When G730-Z0M04-B is mounted.
2. When G70A-Z0C16 is mounted.
Single-point
mounting
Single-point
mounting
16-point mounting
(see note 2)
Single-point
mounting
30
20
10
10
30 50
100 200
500 1000
5000
10
9
8
7
6
5
4
3
2
1
0
10
30 50
100
500
1000 2000
300
10
9
8
7
6
5
4
3
2
1
0
10
30 50
100
500
1000 2000
300
G3R-OA202SZN(-UTU)/OA202SLN(-UTU)
G3R-OD201SN(-UTU)
G3R-ODX02SN(-UTU)
Energized time (ms)
Energized time (ms)
Energized time (ms)


Similar Part No. - G3R-ODX02SN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3R-102PLN OMRON-G3R-102PLN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
G3R-102PN OMRON-G3R-102PN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
G3R-202PLN OMRON-G3R-202PLN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
G3R-202PN OMRON-G3R-202PN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
More results

Similar Description - G3R-ODX02SN

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com