Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3NA-D210B Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G3NA-D210B
Description  Solid State Relay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA-D210B Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G3NA-D210B Datasheet HTML 4Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 5Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 6Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 7Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 8Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 9Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 10Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 11Page - Omron Electronics LLC G3NA-D210B Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
458
Solid State Relay
G3NA
■ Options (Order Separately)
One-touch Mounting Plate
The One-touch Mounting Plate is used to mount the GN3A to a DIN
Track.
R99-12 FOR G3NA (for the G3NA and G3NE)
• When a Relay is mounted to DIN Track, use it within the rating for a
Relay without a heat sink.
• Use the following DIN Tracks: PFP-100N or PFP-100N2.
Mounting Bracket
Heat Sinks
30
44
Two, M4 mounting
holes for the G3NE
Two, M4 mounting
holes for the G3NA
To mount the Relay to DIN
Track, first mount it to the
One-touch Mounting Plate
and then attach it to the DIN
Track as shown in the
diagram.
To remove the Relay from
the DIN Track, pull down on
the tab with a screwdriver in
the direction of the arrow.
R99-11 (for the G3NA-240B, G3NA-440B)
4.6
56
21
12.5
16
8
4
5
Use Mounting Bracket R99-11 so that the G3NA-240B/-440B can be
mounted with the same pitch as that of the G3N-240B.
5.6
47.6
90
±0.3
35 30.5
±0.3
30
5
4.5
6
35
±0.2
90
±0.4
Mounting Holes
4.6 dia.
Two, M3 holes
Two, M4 holes
77 max.
100 max.
44 max.
47 max.
51 max.
Weight: approx. 200 g
Two, 3.2-dia. holes
Two, 4.4-dia.
or M4 holes
The orientation indicated by the external dimensions is not the correct mounting orientation. When opening mounting holes, refer to the
mounting hole dimensions.
For surface mounting, a 30% derating of the load current is required (from the Load Current vs. Ambient Temperature graphs).
Y92B-N50 Heat Sink (for the G3NA-205B, G3NA-210B, G3NA-D210B, G3NA-410B, G3NE-210T(L))


Similar Part No. - G3NA-D210B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA-D210B ETC-G3NA-D210B Datasheet
175Kb / 9P
   Solid-state Relay
More results

Similar Description - G3NA-D210B

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com