Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5MS5122DFR Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # H5MS5122DFR
Description  Mobile DDR SDRAM 512Mbit (16M x 32bit)
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS5122DFR Datasheet(HTML) 5 Page - Hynix Semiconductor

  H5MS5122DFR Datasheet HTML 1Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 2Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 3Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 4Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 5Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 6Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 7Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 8Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Rev 1.2 / Jul. 2008
5
11
Mobile DDR SDRAM 512Mbit (16M x 32bit)
H5MS5122DFR Series / H5MS5132DFR Series
The Hynix H5MS5122DFR series has the special Low Power function of Auto TCSR (Temperature Compensated Self
Refresh) to reduce self refresh current consumption. Since an internal temperature sensor is implemented, it enables
to automatically adjust refresh rate according to temperature without external EMRS command.
Deep Power Down Mode is an additional operating mode for Low Power DDR SDRAM (Mobile DDR SDRAM). This mode
can achieve maximum power reduction by removing power to the memory array within Low Power DDR SDRAM
(Mobile DDR SDRAM). By using this feature, the system can cut off almost all DRAM power without adding the cost of
a power switch and giving up mother-board power-line layout flexibility.
All inputs are LVCMOS compatible. Devices will have a VDD and VDDQ supply of 1.8V (nominal).
The Hynix H5MS5122DFR series is available in the following package:
- 90Ball FBGA [size: 8mm x 13mm, t=1.0mm
max]
512M Mobile DDR SDRAM ORDERING INFORMATION
Part Number
Clock Frequency
Page Size
Organization
Interface
Package
H5MS5122DFR-E3M
200MHz(CL3) / 83MHz(CL2)
2KByte
(Normal)
4banks x 4Mb
x 32
LVCMOS
90 Ball FBGA
Lead & Halogen
Free
H5MS5122DFR-J3M
166MHz(CL3) / 83MHz(CL2)
H5MS5122DFR-K3M
133MHz(CL3) / 83MHz(CL2)
H5MS5122DFR-L3M
100MHz(CL3) / 66MHz(CL2)
H5MS5132DFR-E3M
200MHz(CL3) / 83MHz(CL2)
1KByte
(Reduced)
H5MS5132DFR-J3M
166MHz(CL3) / 83MHz(CL2)
H5MS5132DFR-K3M
133MHz(CL3) / 83MHz(CL2)
H5MS5132DFR-L3M
100MHz(CL3) / 66MHz(CL2)


Similar Part No. - H5MS5122DFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5MS5162DFR-E3M HYNIX-H5MS5162DFR-E3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162DFR-J3M HYNIX-H5MS5162DFR-J3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162DFR-K3M HYNIX-H5MS5162DFR-K3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162DFR-L3M HYNIX-H5MS5162DFR-L3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162EFR HYNIX-H5MS5162EFR Datasheet
105Kb / 2P
   536,870,912-bit CMOS Low Power Double Data Rate Synchronous DRAM (Mobile DDR SDRAM)
More results

Similar Description - H5MS5122DFR

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324P EMLSI-EMD12324P Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
   256M: 16M x 16 Mobile DDR SDRAM
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Elite Semiconductor Mem...
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
   16M x32 Mobile-DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
logo
Etron Technology, Inc.
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com