Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3NA-225B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3NA-225B
Description  Solid State Relay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA-225B Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3NA-225B Datasheet HTML 1Page - Omron Electronics LLC G3NA-225B Datasheet HTML 2Page - Omron Electronics LLC G3NA-225B Datasheet HTML 3Page - Omron Electronics LLC G3NA-225B Datasheet HTML 4Page - Omron Electronics LLC G3NA-225B Datasheet HTML 5Page - Omron Electronics LLC G3NA-225B Datasheet HTML 6Page - Omron Electronics LLC G3NA-225B Datasheet HTML 7Page - Omron Electronics LLC G3NA-225B Datasheet HTML 8Page - Omron Electronics LLC G3NA-225B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
454
Solid State Relay
G3NA
■ Characteristics
Note: Data shown are of initial value.
Type
G3NA-205B,
-210B, -220B,
-225B
G3NA-240B
G3NA-410B,
-420B, -425B,
-440B, -450B
G3NA-
D210B
G3NA-
275B-
UTU
G3NA-
290B-
UTU
G3NA-
475B-
UTU
G3NA-
490B-
UTU
Operate time
DC input
1/2 of load power source cycle + 1 ms max.
1 ms max.
1/2 of load power source cycle + 1 ms max.
AC input
1 1/2 of load power source cycle + 1 ms max.
30 ms max.
3/2 of load power source cycle + 1 ms max.
Release time
DC input
1/2 of load power source cycle + 1 ms max.
5 ms max.
1/2 of load power source cycle + 1 ms max.
AC input
1 1/2 of load power source cycle + 1 ms max.
30 ms max.
3/2 of load power source cycle + 1 ms max.
Output ON voltage drop
1.6 V (RMS)
max.
1.6 V (RMS)
max.
1.8 V (RMS
max.)
1.5 V max.
1.6 V (RMS) max.
1.8 V (RMS) max.
Leakage current
5 mA max. at 100 VAC
10 mA max.
at 200 VAC
5 mA max.
at 200 VDC
5 mA max. at 100
VAC
10 mA max. at 200
VDC
10 mA max. at 200 VAC
20 mA max. at 400 VAC
10 mA max. at 200
VAC
20 mA max. at 400
VAC
Insulation resistance
100 M
Ω min at 500 VDC
Dielectric strength
2,500 VAC, 50/60 Hz for 1 minute
4,000 VAC, 50/60 Hz for 1 min.
Vibration
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock
Malfunction
1,000 m/s2 (approx. 100G)
Ambient temperature
Operating
-30
° to 80°C (-22° to 176°F) with no icing
Storage
-30
° to 100°C (-22° to 212°F) with no icing
Humidity
45% to 85% RH
Weight
Approx. 60 g
(2.1 oz.)
Approx. 70 g
(2.5 oz.)
Approx. 80 g
(2.8 oz.)
Approx. 70 g
(2.5 oz.)
Approx. 120 g (4.2 oz.)


Similar Part No. - G3NA-225B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA-220B ETC-G3NA-220B Datasheet
175Kb / 9P
   Solid-state Relay
More results

Similar Description - G3NA-225B

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com