Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3NA-225B Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G3NA-225B
Description  Solid State Relay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA-225B Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G3NA-225B Datasheet HTML 7Page - Omron Electronics LLC G3NA-225B Datasheet HTML 8Page - Omron Electronics LLC G3NA-225B Datasheet HTML 9Page - Omron Electronics LLC G3NA-225B Datasheet HTML 10Page - Omron Electronics LLC G3NA-225B Datasheet HTML 11Page - Omron Electronics LLC G3NA-225B Datasheet HTML 12Page - Omron Electronics LLC G3NA-225B Datasheet HTML 13Page - Omron Electronics LLC G3NA-225B Datasheet HTML 14Page - Omron Electronics LLC G3NA-225B Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Solid State Relay
G3NA
461
■ Approvals
UL Recognized (File No. E64562) / CSA Certified (File No. LR35535) - - Ambient Temp. = 40
°C
Note: 1. When used with the proper OMRON heat sink part number or an appropriately dimensioned equivalent.
2. The rated values approved by each of the safety standards (e.g., UL, CSA, and TÜV) may be different from the performance
characteristics individually defined in this catalog.
3. In the interest of product improvement, specifications are subject to change.
SSR type
Input voltage
Load type
Contact ratings
Without heat sink
With heat sink (see note 1)
G3NA-205B
5 to 24 VDC
100 to 120 VAC
200 to 240 VAC
General use/Tungsten
3 A, 240 VAC
5 A, 240 VAC
Motor
2.5 FLA, 15 LRA, 240 VAC
2.5 FLA, 15 LRA, 240 VAC
G3NA-210B
General use/Tungsten
4 A, 240 VAC
10 A, 240 VAC
Motor
2.5 FLA, 15 LRA, 240 VAC
5 FLA, 30 LRA, 240 VAC
G3NA-220B
General use/Tungsten
4 A, 240 VAC
20 A, 240 VAC
Motor
2.5 FLA, 15 LRA, 240 VAC
10 FLA, 60 LRA, 240 VAC
G3NA-225B
General use/Tungsten
4 A, 240 VAC
25 A, 240 VAC
Motor
2.5 FLA, 15 LRA, 240 VAC
12 FLA, 72 LRA, 240 VAC
G3NA-240B
General use/Tungsten
6 A, 240 VAC
40 A, 240 VAC
Motor
5 FLA, 30 LRA, 240 VAC
20 FLA, 120 LRA, 240 VAC
G3NA-410B
5 to 24 VDC
100 to 240 VAC
General use/Tungsten
4 A, 480 VAC
10 A, 480 VAC
Motor
2.5 FLA, 15 LRA, 480 VAC
5 FLA, 30 LRA, 480 VAC
G3NA-420B
General use/Tungsten
4 A, 480 VAC
20 A, 480 VAC
Motor
2.5 FLA, 15 LRA, 480 VAC
10 FLA, 60 LRA, 480 VAC
G3NA-425B
General use/Tungsten
4 A, 480 VAC
25 A, 480 VAC
Motor
2.5 FLA, 15 LRA, 480 VAC
12 FLA, 72 LRA, 480 VAC
G3NA-440B
General use/Tungsten
6 A, 480 VAC
40 A, 480 VAC
Motor
5 FLA, 30 LRA, 480 VAC
20 FLA, 120 LRA, 480 VAC
G3NA-450B
General use/Tungsten
6 A, 480 VAC
50 A, 480 VAC
Motor
5 FLA, 30 LRA, 480 VAC
24 FLA, 144 LRA, 480 VAC
G3NA-D210B
General use
4 A, 200 VDC
10 A, 200 VDC


Similar Part No. - G3NA-225B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA-220B ETC-G3NA-220B Datasheet
175Kb / 9P
   Solid-state Relay
More results

Similar Description - G3NA-225B

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com