Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3NA-610B Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G3NA-610B
Description  Solid State Relays (600 VAC Models)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA-610B Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G3NA-610B Datasheet HTML 2Page - Omron Electronics LLC G3NA-610B Datasheet HTML 3Page - Omron Electronics LLC G3NA-610B Datasheet HTML 4Page - Omron Electronics LLC G3NA-610B Datasheet HTML 5Page - Omron Electronics LLC G3NA-610B Datasheet HTML 6Page - Omron Electronics LLC G3NA-610B Datasheet HTML 7Page - Omron Electronics LLC G3NA-610B Datasheet HTML 8Page - Omron Electronics LLC G3NA-610B Datasheet HTML 9Page - Omron Electronics LLC G3NA-610B Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
472
Solid State Relays (600 VAC Models)
G3NA-6
Other Heat Sinks
Y92B-P250N (for max. 50 A load current)
Type G3NA-650B is recommended for max. 50 A with this heat sink.
146 max.
140 max.
130 max.
120 max.
47.6
Two, M4
Two, 4.6 dia.
120 max.
105
64±0.3
Mounting Holes
The orientation indicated by the external dimensions is not the correct mounting orientation. When opening mounting holes, refer to the
mounting hole dimensions.
For upright standing to the ground, a 30% derating of the load current is required (from the Load Current vs. Ambient Temperature graphs).
Y92B-P250 Heat Sink (for max. 50 A load current)
70 max.
Four, M4
Four, R2.5
130.5 max.
190.5 max.
Mounting Holes
Four, 4.5 dia. or M4
120
68
68
120
150


Similar Part No. - G3NA-610B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA-205B ETC-G3NA-205B Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA-205B OMRON-G3NA-205B Datasheet
1Mb / 18P
   Solid State Relay
logo
List of Unclassifed Man...
G3NA-210B ETC-G3NA-210B Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA-210B OMRON-G3NA-210B Datasheet
1Mb / 18P
   Solid State Relay
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
More results

Similar Description - G3NA-610B

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com