Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-2A4-H Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G2R-2A4-H
Description  Power PCB Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-2A4-H Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G2R-2A4-H Datasheet HTML 4Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 5Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 6Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 7Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 8Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 9Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 10Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 11Page - Omron Electronics LLC G2R-2A4-H Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
198
Power PCB Relay
G2R
Note: 1.
and
indicate mounting orientation marks.
2. A tolerance of
±0.10 (0.004) applies to the above dimensions.
Note: 1.
and
indicate mounting orientation marks.
2. A tolerance of
±0.10 (0.004) applies to the above dimensions.
Terminal arrangement/
Mounting holes
Internal connections
(Bottom view)
(Bottom view)
PCB Terminal: SPST-NO, general purpose & high sensitivity
Terminal arrangement/
Mounting holes
Internal connections
(Bottom view)
(Bottom view)
PCB Terminal: SPDT, high capacity
Terminal arrangement/
Mounting holes
Internal connections
(Bottom view)
(Bottom view)
PCB Terminal: SPST-NO, high capacity
Terminal arrangement/
Mounting holes
Internal connections
(Bottom view)
(Bottom view)
Quick-connect: SPDT


Similar Part No. - G2R-2A4-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2A4-H OMRON-G2R-2A4-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-2A4-H OMRON-G2R-2A4-H Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-2A4-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com