Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3M-203P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3M-203P
Description  Solid State Relays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3M-203P Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3M-203P Datasheet HTML 1Page - Omron Electronics LLC G3M-203P Datasheet HTML 2Page - Omron Electronics LLC G3M-203P Datasheet HTML 3Page - Omron Electronics LLC G3M-203P Datasheet HTML 4Page - Omron Electronics LLC G3M-203P Datasheet HTML 5Page - Omron Electronics LLC G3M-203P Datasheet HTML 6Page - Omron Electronics LLC G3M-203P Datasheet HTML 7Page - Omron Electronics LLC G3M-203P Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Solid State Relays
G3M
419
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Precautions
Protective Element
No overvoltage absorption element is built in. Therefore, if the G3M
is connected to an inductive load, be sure to connect the overvoltage
absorption element.
G3M-102PL-US(-4), G3M-202P(L)-4
G3M-203P(L)-4
4
7.62
4
±2
12.7
10.16
0.7
0.4
1.5
(5.08)*
2.54
2.54
*Input terminal pitch for models ending in "-4" is 5.08 mm.
40 max.
20 max.
9 max.
Load
Input voltage
Input
Load
Four, 1.2 dia. holes
Terminal Arrangement
(Bottom View)
PCB Dimensions
(Bottom View)
Load power
supply
"-4" type
(4)
4
1
2
3
G3M-205P(L)-4
7.6±0.2
4
7.62
12.7
4±2
10.16
0.7
0.4
1.65
(5.08)*
40 max.
25 max.
41
2
3
41
2
3


Similar Part No. - G3M-203P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3M-203PL OMRON-G3M-203PL Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
More results

Similar Description - G3M-203P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com