Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVP-2158 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVP-2158
Description  2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-2158 Datasheet(HTML) 1 Page - Unity Opto Technology

  UVP-2158 Datasheet HTML 1Page - Unity Opto Technology UVP-2158 Datasheet HTML 2Page - Unity Opto Technology UVP-2158 Datasheet HTML 3Page - Unity Opto Technology UVP-2158 Datasheet HTML 4Page - Unity Opto Technology UVP-2158 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.3 inch ( 58.42mm )
5X8 DOT MATRIX LED DISPLAY
UVP-2X58XX SERIES
DESCRIPTION
The UVP-2058/2158/2458AA/2558AA is 2.3 inch (58.42mm) height 5X8 dot matrix display.
Single color display have the choices of three bright colors-AlGaAs red/green/red orange.
Multicolor display are applicable to two colors : green and red orange.
All device have gray face and white dot.
The AlGaAs red LED chip are made from AlGaAs on a non-transparent GaAs substrate.
The green LED chip are made from GaP on a transparent GaP substrate.
The Red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Industuy standard size
l
Wide viewing angle
l
Continuous uniform dot matrix.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
GREEN
UNIT
36
mW
100
mA
13
mA
0.17
mA/
oC
5
V
11/14/2000
Peak Forward Current Per Dot
Continuous Forward Current Per Dot
Derating Linear From 25
oC Per Dot
Reverse Voltage Per Dot
Operating Temperature Range
5
-35
oCto+85oC
-35
oCto+85oC
Storage Temperature Range
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
AlGaAs RED
36
PARAMETER
Power Dissipation Per Dot
Fig. 2
UVP-2158
Column Cathode
5
UVP-2058
Column Anode
Fig. 1
100
RED ORANGE
36
PART NO.
DESCRIPTION
PACKAGE DIMENSION
INTERNAL CIRCUIT
DIAGRAM
125
15
0.20
0.17
13
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-2158

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2157A UOT-UVP-2157A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
More results

Similar Description - UVP-2158

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2X88 UOT-UVP-2X88 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231M9 CHINASEMI-CSM-58231M9 Datasheet
207Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211A9 CHINASEMI-CSM-58211A9 Datasheet
197Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231A9 CHINASEMI-CSM-58231A9 Datasheet
206Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211S CHINASEMI-CSM-58211S Datasheet
197Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231B7 CHINASEMI-CSM-58231B7 Datasheet
202Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211V9 CHINASEMI-CSM-58211V9 Datasheet
192Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231E CHINASEMI-CSM-58231E Datasheet
206Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231T9 CHINASEMI-CSM-58231T9 Datasheet
208Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com