Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-14-H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G2R-14-H
Description  Power PCB Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-14-H Datasheet(HTML) 2 Page - Omron Electronics LLC

  G2R-14-H Datasheet HTML 1Page - Omron Electronics LLC G2R-14-H Datasheet HTML 2Page - Omron Electronics LLC G2R-14-H Datasheet HTML 3Page - Omron Electronics LLC G2R-14-H Datasheet HTML 4Page - Omron Electronics LLC G2R-14-H Datasheet HTML 5Page - Omron Electronics LLC G2R-14-H Datasheet HTML 6Page - Omron Electronics LLC G2R-14-H Datasheet HTML 7Page - Omron Electronics LLC G2R-14-H Datasheet HTML 8Page - Omron Electronics LLC G2R-14-H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
192
Power PCB Relay
G2R
■ Latching
Specifications
■ Contact Data
Non-latching general purpose (semi-sealed) and upper-mount bracket.
Note: Values in parenthesis are for sealed models.
Non-latching high capacity 1-pole type
Non-latching high-sensitivity
Note: 1. P standard:
λ
50 = 0.10 x 10
-6 operation, for all models
2. For individual product agency approvals consult factory.
Type
Contact form
Construction
Model
Dual coil latching
SPDT
Semi-sealed
G2RK-1
SPST-NO
G2RK-1A
DPDT
G2RK-2
DPST-NO
G2RK-2A
Load
1-pole type
2-pole type
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4) (L/R = 7 ms)
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4) (L/R = 7 ms)
Rated load
10 A at 250 VAC
10 A at 30 VDC
(8A at 250VAC/30VDC)
7.5 A at 250 VAC
5 A at 30 VDC
(6A at 250VAC, 4A at 30VDC)
5 A at 250 VAC
5 A at 30 VDC
(4A at 250VAC/30VDC)
2 A at 250 VAC
3 A at 30 VDC
(1.5A at 250VAC, 2.5A at 30VDC)
Contact material
Ag-Alloy
Carry current
10 A (8A)
5 A (4A)
Max. operating voltage
380 VAC, 125 VDC
Max. operating current
10 A (8A)
5 A (4A)
Max. switching capacity 2,500 VA, 300 W
(2,000 VA, 240W)
1,875 VA, 150 W
(1,500 VA, 120W)
1,250 VA, 150 W
(1,000 VA, 120 W)
500 VA, 90 W
(375 VA, 75 W)
Min permissible load
100 mA, 5 VDC
10 mA, 5 VDC
Load
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4) (L/R = 7 ms)
Rated load
16 A at 250 VAC
16 A at 30 VDC
8 A at 250 VAC
8 A at 30 VDC
Contact material
Ag-Alloy
Carry current
16 A
Max. operating voltage
380 VAC, 125 VDC
Max. operating current
16 A
Max. switching capacity
4,000 VA, 480 W
2,000 VA, 240 W
Min. permissible load
100 mA, 5 VDC
Load
1-pole type
2-pole type
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4) (L/R = 7 ms)
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4) (L/R = 7 ms)
Rated load
5 A at 250 VAC
5 A at 30 VDC
2 A at 250 VAC
3 A at 30 VDC
3 A at 250 VAC
3 A at 30 VDC
1 A at 250 VAC
1.50 A at 30 VDC
Contact material
Ag-Alloy
Carry current
5 A
3 A
Max. operating voltage
380 VAC, 125 VDC
Max. operating current
5 A
3 A
Max. switching capacity
1,250 VA, 150 W
500 VA, 90 W
750 VA, 90 W
250 VA, 45 W
Min permissible load
100 mA, 5 VDC
10 mA, 5 VDC


Similar Part No. - G2R-14-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-14-H OMRON-G2R-14-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-14-H OMRON-G2R-14-H Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-14-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com