Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-SNI Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G2R-1-SNI
Description  General-purpose Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-SNI Datasheet(HTML) 1 Page - Omron Electronics LLC

  G2R-1-SNI Datasheet HTML 1Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 2Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 3Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 4Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 5Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 6Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 7Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 8Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General-purpose Relay
G2RS-(S)
245
General-purpose Relay
G2RS-(S)
Slim and Space-saving Power Plug-in Relay
• Lockable test button models now available.
• Built-in mechanical operation indicator.
• Provided with nameplate.
• AC type is equipped with a coil-disconnection self-
diagnostic function (LED type).
• High switching power (1-pole: 10 A).
• Environment-friendly (Cd, Pb free).
• Wide range of Sockets also available.
• RoHS Compliant.
LR
Model Number Structure
■ Model Number Legend
1. Relay Function
Blank:General-purpose
2. Number of Poles
1:
1 pole
2:
2 poles
3. Contact Form
Blank:SPDT
4. Contact Type
Blank:Single
5. Terminals
S:
Plug-in
6. Classification
Blank:General-purpose
N:
LED indicator
D:
Diode
ND:
LED indicator and diode
NI:
LED indicator with test button
NDI: LED indicator and diode with test button
7. Rated Coil Voltage
Ordering Information
■ List of Models
G2R
-
-
-
(S)
12
34
56
7
Classification
Enclosure
rating
Coil ratings
Contact form/Model
SPDT
DPDT
Plug-in terminal
General-purpose
Unsealed
AC/DC
G2R-1-S
G2R-2-S
LED indicator
G2R-1-SN
G2R-2-SN
LED indicator with test button
G2R-1-SNI
G2R-2-SNI
Diode
DC
G2R-1-SD
G2R-2-SD
LED indicator and diode
G2R-1-SND
G2R-2-SND
LED indicator and diode with test button
G2R-1-SNDI
G2R-2-SNDI
Rated coil voltage
Note: When ordering, add the rated coil voltage and "(S)" to the model number. Rated coil voltages are given in the coil ratings table.
Example: G2R-1-S DC12 (S)
New model


Similar Part No. - G2R-1-SNI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SNIS OMRON-G2R-1-SNIS Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
More results

Similar Description - G2R-1-SNI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com