Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-H Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G2R-1-H
Description  Power PCB Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-H Datasheet(HTML) 5 Page - Omron Electronics LLC

  G2R-1-H Datasheet HTML 1Page - Omron Electronics LLC G2R-1-H Datasheet HTML 2Page - Omron Electronics LLC G2R-1-H Datasheet HTML 3Page - Omron Electronics LLC G2R-1-H Datasheet HTML 4Page - Omron Electronics LLC G2R-1-H Datasheet HTML 5Page - Omron Electronics LLC G2R-1-H Datasheet HTML 6Page - Omron Electronics LLC G2R-1-H Datasheet HTML 7Page - Omron Electronics LLC G2R-1-H Datasheet HTML 8Page - Omron Electronics LLC G2R-1-H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Power PCB Relay
G2R
195
■ Characteristic Data
Maximum Switching Capacity - Non-latching Types
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating voltage (V)
PCB: Single-pole general purpose
Semi-sealed
Quick-connect: Single-pole single
button
High capacity
PCB: Single-pole high sensitivity
Two-pole general purpose
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating voltage (V)
PCB: Two-pole high sensitivity
PCB: Single-pole general purpose
Sealed
PCB: Two-pole general purpose
Sealed


Similar Part No. - G2R-1-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-H OMRON-G2R-1-H Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1-H OMRON-G2R-1-H Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1-H OMRON-G2R-1-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1-H OMRON-G2R-1-H Datasheet
656Kb / 12P
   Power PCB Relay
G2R-1-H OMRON-G2R-1-H Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com